Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2441 Datasheet HTML 1Page - Semtech Corporation SC2441 Datasheet HTML 2Page - Semtech Corporation SC2441 Datasheet HTML 3Page - Semtech Corporation SC2441 Datasheet HTML 4Page - Semtech Corporation SC2441 Datasheet HTML 5Page - Semtech Corporation SC2441 Datasheet HTML 6Page - Semtech Corporation SC2441 Datasheet HTML 7Page - Semtech Corporation SC2441 Datasheet HTML 8Page - Semtech Corporation SC2441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
l
e
n
n
a
h
C
n
w
o
d
-
p
e
t
S
f
,
1
C
S
O
f
2
C
S
O
R
C
S
O
k
1
.
1
5
=
Ω
0
7
40
1
50
5
5z
H
K
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
D
,
1
X
A
M
D
2
X
A
M
R
C
S
O
k
1
.
1
5
=
Ω
8
80
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
MD
,
1
N
I
M
D
2
N
I
M
R
C
S
O
k
1
.
1
5
=
Ω
0%
y
c
n
e
u
q
e
r
F
g
n
i
z
i
n
o
r
h
c
n
y
S
N
D
H
S
/
C
N
Y
SR
C
S
O
k
1
.
1
5
=
Ω
)
1
e
t
o
N
(2
.
12
z
H
M
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
N
D
H
S
/
C
N
Y
SV
H
S
/
S
5
.
1V
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
N
D
H
S
/
C
N
Y
SV
L
S
/
S
5
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
N
D
H
S
/
C
N
Y
SI
S
/
S
V
S
/
S
V
2
.
0
=
V
S
/
S
V
2
=0
5
1
0
0
1
µA
y
a
l
e
D
n
w
o
d
t
u
h
S)
1
e
t
o
N
(5
8
µs
s
r
o
t
a
r
a
p
m
o
C
t
i
m
i
L
-
t
n
e
r
r
u
C
d
n
a
s
r
e
i
f
i
l
p
m
A
e
s
n
e
S
-
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
C
V
,
1
M
I
L
I
V
2
M
I
L
I
V
C
C
V
8
=
V
)
-
(
1
S
C
=V
)
-
(
2
S
C
V
0
=
0
48
46
5V
m
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
C
V
,
1
M
I
L
I
V
2
M
I
L
I
V
C
C
V
8
=
V
)
-
(
1
S
C
=V
)
-
(
2
S
C
V
5
=
0
45
.
6
46
5V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
i
ti
s
o
P
I
,
)
+
(
1
S
C
I
)
+
(
2
S
C
V
)
+
(
1
S
C
=V
)
-
(
1
S
C
0
=
V
)
-
(
2
S
C
=V
)
-
(
2
S
C
0
=
7
3
.
0
-1
-
µA
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
i
t
a
g
e
NI
,
)
-
(
1
S
C
I
)
-
(
2
S
C
V
)
+
(
1
S
C
=V
)
-
(
1
S
C
0
=
V
)
+
(
2
S
C
=V
)
-
(
2
S
C
0
=
2
3
.
0
-1
-
µA
e
m
i
t
-
n
O
M
W
P
m
u
m
i
n
i
M
T
A
5
2
=°
)
1
e
t
o
N
(
,
C
0
8
1s
n
s
r
e
v
i
r
D
e
t
a
G
t
n
e
r
r
u
C
e
c
r
u
o
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
S
-
h
g
i
H
)
1
e
t
o
N
(2
A
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
S
-
h
g
i
H)
1
e
t
o
N
(2
A
t
n
e
r
r
u
C
e
c
r
u
o
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
S
-
w
o
L
)
1
e
t
o
N
(2
A
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
S
-
w
o
L
)
1
e
t
o
N
(2
A
e
m
i
T
e
s
i
R
e
v
i
r
D
e
t
a
GC
L
F
p
0
0
3
3
=0
3s
n
e
m
i
T
ll
a
F
e
v
i
r
D
e
t
a
GC
L
F
p
0
0
3
3
=0
3s
n
e
t
a
G
e
d
i
s
-
h
g
i
H
o
t
e
v
i
r
D
e
t
a
G
e
d
i
s
-
w
o
L
y
a
l
e
D
g
n
i
p
p
a
l
r
e
v
o
-
n
o
N
e
v
i
r
D
C
L
0
=4
7s
n
e
t
a
G
e
d
i
s
-
w
o
L
o
t
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H
y
a
l
e
D
g
n
i
p
p
a
l
r
e
v
o
-
n
o
N
e
v
i
r
D
C
L
0
=2
6s
n
e
l
b
a
n
E
d
n
a
f
f
o
t
u
h
S
d
a
o
l
r
e
v
O
,
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
S
-
t
f
o
SI
,
1
S
S
I
2
S
S
V
1
S
S
=V
2
S
S
=V
5
.
13
.
2
µA
d
a
o
l
r
e
v
O
e
l
b
a
n
E
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
t
f
o
S
f
f
o
t
u
h
S
V
,
1
N
E
S
S
V
2
N
E
S
S
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
n
I5
2
.
3V
d
l
o
h
s
e
r
h
T
B
F
f
f
o
t
u
h
S
d
a
o
l
r
e
v
O
V
,
1
L
O
B
F
V
2
L
O
B
F
V
2
,
1
S
S
V
8
.
3
=
B
F
1
d
n
aB
F
2
g
n
i
s
a
e
r
c
e
D
8
4
3
.
06
3
.
02
7
3
.
0V
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
t
r
a
t
S
-
t
f
o
S
I
,
)
S
I
D
(
1
S
S
I
)
S
I
D
(
2
S
S
V
1
B
F
=V
2
B
F
=V
3
.
0
V
1
S
S
=V
2
S
S
=V
8
.
3
4
.
1
µA
m
o
r
F
r
e
v
o
c
e
R
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
t
f
o
S
f
f
o
t
u
h
S
d
a
o
l
r
e
v
O
V
,
1
V
C
R
S
S
V
2
V
C
R
S
S
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
e
D9
2
.
07
4
.
03
6
.
0V
Unless specified: V
IN = 2V, VCC = VBST1 = VBST1 =8V, SYNC/SHDN =2V, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com