Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet (PDF) - Semtech Corporation

SC620 Datasheet PDF - Semtech Corporation
Part # SC620
Download  SC620 Download
File Size   357.02 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal LED Driver, General Purpose Current Sink with Serial Interface

SC620 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC620 Datasheet PDF - Semtech Corporation

Part # SC620
Download  SC620 Click to download

File Size   357.02 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal LED Driver, General Purpose Current Sink with Serial Interface

SC620 Datasheet (HTML) - Semtech Corporation


SC620 Product details

Description

The SC620 is a multi-purpose LED driver with eight identical, independently controlled current sinks. Each current sink can drive an LED by connecting the LED’s anode to the system power supply and the cathode to the current sink input pin. Any combination of outputs can be enabled or disabled for optimal design flexibility.



Features

Wide current setting range — 31.25μA to 25mA

Eight identical current drivers with independent control

5% current matching, 7% accuracy

I2C interface for microprocessor control

I2C slave address 1110 000x

Less than 1μA quiescent current in shutdown

Low dropout voltage — ≤ 150mV

Over-temperature protection

MLPQ-UT-16 package (3mm x 3mm)

Ultra-thin 0.6mm maximum package height

Fully WEEE and RoHS compliant



Applications

LCD backlighting LED driver

Multicolor and RGB LED driver

General purpose current sink array

General purpose digital output (open-drain) expander

Auto-focus voice-coil driver

„




Similar Part No. - SC620

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC620 SEMTECH-SC620 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
SC620 SEMTECH-SC620 Datasheet
252Kb / 18P
Octal LED Driver,General Purpose Current Sink With Serial Interface
logo
Infinite Electronics In...
SC6202 FAIRVIEW-SC6202 Datasheet
494Kb / 3P
BNC Female Connector Pin Terminal Solder Attachment Press-In
REV 2.0
logo
SHENZHEN FUMAN ELECTRON...
SC6202B FUMAN-SC6202B Datasheet
111Kb / 2P
LED driver IC
SC6206B FUMAN-SC6206B Datasheet
1Mb / 5P
Low dropout voltage regulator IC
More results


Similar Description - SC620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Semtech Corporation
SC620 SEMTECH-SC620_07 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
100mA Current Sink VCM Driver with I2C Interface
logo
Semtech Corporation
SC620 SEMTECH-SC620_09 Datasheet
252Kb / 18P
Octal LED Driver,General Purpose Current Sink With Serial Interface
logo
Texas Instruments
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com