Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 3Page - Semtech Corporation SC620 Datasheet HTML 4Page - Semtech Corporation SC620 Datasheet HTML 5Page - Semtech Corporation SC620 Datasheet HTML 6Page - Semtech Corporation SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Applications Information
General Description
The SC620 includes eight (8) independently controlled cur-
rent sinks designed to control LED backlighting for mobile
phones and other battery-operated handheld devices. As
LED forward voltages decrease for white, blue, and other
colored LEDs, there is less need for voltage boosting de-
vices for powering backlight and indicator LEDs. In such
systems where there is a fixed supply voltage large enough
to supply the LEDs or where the LEDs can be powered over
the entire battery range, the SC620 provides a simple low-
cost driver alternative to charge pump or inductor-based
switching boost converters.
Current Sink Design
Each current sink is designed for a pin voltage range be-
tween 150mV and V
IN - 1.5V. This feature allows the system
to operate backlight LEDs with constant current without
interference caused by blinking indicator LEDs or driving
LEDs with various forward voltages and currents.
Protection Circuitry
The SC620 contains protection circuitry that prevents
the device from operating in an unspecified state. These
features are: Under-voltage Lockout Protection, Over-tem-
perature Protection and Short-circuit Protection.
Under-Voltage Lockout
An Under-voltage Lockout Protection (UVLO) circuit disables
the device in the event that the input voltage falls too low.
UVLO typically occurs at 2V. Hysteresis is provided to pre-
vent chatter.
Short-Circuit Protection
The output sink pins ILED1 through ILED8 are protected
against shorting to V
IN, protecting the SC620 from damage
in the event of a shorted LED. The source lead of each
sink is connected to ground, so the output sink pins do
not require protection against being externally shorted to
ground, as this would result in zero potential across the
sink device.
Over-Temperature Protection
The Over-temperature Protection circuit helps prevent the
device from overheating and experiencing a catastrophic
failure. When the junction temperature exceeds 155°C, the
device is disabled and remains disabled until the junction
temperature drops by the hysteresis value.
Layout Considerations
The MLPQ-UT-16 package has a thermal die attach pad
located at the center. This pad must be connected to the
ground plane through multiple vias as shown (illustration
not to scale).
For low noise, four ground pins are located at the corner
pins 1, 4, 9 and 12. Connect each of the ground pins di-
rectly to the ground plane as shown.
The layout is otherwise quite simple and requires very few
components in addition to the LEDs that it will drive. A 1μF
decoupling capacitor at VIN is required. Place this capacitor
near pin 2, and ground it close to the SC620 as shown.
SCL
VIN
CIN
SC620
GND
GND
SDA
GND
GND
GND
EN
Ground plane
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com