Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation SC620 Datasheet HTML 12Page - Semtech Corporation SC620 Datasheet HTML 13Page - Semtech Corporation SC620 Datasheet HTML 14Page - Semtech Corporation SC620 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Characteristics
Low Current Settings with Anode = V
IN
Low Current Settings with Anode = 5V
Mid Current Settings with Anode = V
IN
Mid Current Settings with Anode = 5V
High Current Settings with Anode = V
IN
High Current Settings with Anode = 5V
0
100
200
300
400
500
600
2.5
3
3.5
4
4.5
5
5.5
- - -Boundary of cathode = 150mV
500μA,VF = 2.80V
Anode supply = VIN
VIN [V]
250μA,VF = 2.73V
125μA,VF = 2.68V
31.25μA,VF = 2.59V
4
6
8
10
12
14
16
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Anode supply = VIN
15mA,VF = 3.27V
VIN [V]
10mA,VF = 3.20V
5mA,VF = 3.08V
- - - Boundary at cathode = 150mV
9
12
15
18
21
24
27
30
33
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
- - - Boundary at cathode = 150mV
Anode supply = VIN
31.5mA,VF = 3.42V
VIN [V]
25mA,VF = 3.37V
15mA,VF = 3.27V
10mA,VF = 3.20V
0
100
200
300
400
500
600
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
VIN [V]
Anode supply = 5V
500μA,VF = 2.79V
- - -Boundary of cathode at VIN-1.5V
250μA,VF = 2.73V
125μA,VF = 2.68V
31.25μA,VF = 2.59V
4
6
8
10
12
14
16
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Anode supply = 5V
15mA,VF = 3.26V
VIN [V]
- - -Boundary of cathode at VIN-1.5V
10mA,VF = 3.19V
5mA,VF = 3.08V
9
13
17
21
25
29
33
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Anode supply = 5V
25mA,VF = 3.35V
- - -Boundary of cathode at VIN-1.5V
VIN [V]
31.5mA,VF = 3.39V
15mA,VF = 3.26V
10mA,VF = 3.19V
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com