Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1116 Datasheet (PDF) - Semtech Corporation

SC1116 Datasheet PDF - Semtech Corporation
Part # SC1116
Download  SC1116 Download
File Size   238.42 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Linear FET Controller For DDR Supplies

SC1116 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1116 Datasheet PDF - Semtech Corporation

Part # SC1116
Download  SC1116 Click to download

File Size   238.42 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Linear FET Controller For DDR Supplies

SC1116 Datasheet (HTML) - Semtech Corporation


SC1116 Product details

Description

The SC1116 is a low cost controller for low power linear DDR power supplies.

The SC1116 comes in a space saving SOT-23 6 pin package.

The SC1116 provides a dual gate drive for the top serial and bottom parallel MOSFETs with internal shoot through protection.

The wide range of input voltages (3V to 15V) allows the chip to work in many various applications.



Features

♦ User can select FETs to optimize system current rating/dropout/cost

♦ Low VDDQ, 0.5V to 2.5V

♦ -40°C to +85°C operating temperature

♦ External compensation capable for low ESR loads

♦ Minimum external components

♦ 0.6 mA Quiescent current

♦ Guaranteed no shoot through

♦ SOT-23 6L small package. Fully WEEE and RoHS compliant



Applications

♦ DDR supplies

♦ SCSI

♦ Line termination

♦ Source / Sink LDOs



 




Similar Part No. - SC1116

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC111 SEMTECH-SC111 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC111 SEMTECH-SC111 Datasheet
127Kb / 4P
0.8AMP POSITIVE VOLTAGE REGULATOR
logo
VITALCONN ELECTRONICS H...
SC111 VITALCONN-SC111 Datasheet
192Kb / 2P
SFP1*1 CONN
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC1110CSTR SEMTECH-SC1110CSTR Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
More results


Similar Description - SC1116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
8-Pin N-FET Linear Regulator Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com