Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1116 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1116 Datasheet HTML 1Page - Semtech Corporation SC1116 Datasheet HTML 2Page - Semtech Corporation SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1116
Electricial Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
35
1V
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
A
3
+
0
:
L
I
A
3
-
0
:
L
I
1
-
1
+
%
t
n
e
r
r
u
C
y
b
d
n
a
t
S
/t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QV
C
C
A
0
=
d
a
o
l
o
n
,
V
5
1
=0
0
6
0
0
8
A
µ
t
n
e
r
r
u
C
t
u
p
n
I
F
E
R
&
B
FV
C
C
V
5
1
=0
0
1A
n
e
v
i
r
D
e
t
a
G
w
o
L
t
u
p
t
u
OI
K
N
I
S
A
m
5
.
2
=5
1
.
0
5
2
.
0
V
h
g
i
H
t
u
p
t
u
OI
E
C
R
U
O
S
A
m
5
.
2
=
5
2
.
0
-
c
c
V
5
1
.
0
-
c
c
VV
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
C
C
5
.
6
1
+
o
t
3
.
0
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
7
.
5
9W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
7
.
1
6W
/
C
°
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
A
C
°
5
2
=P
D
0
5
2W
m
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
Absolute Maximum Rating
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Unless otherwise specified, V
CC = 5V, 0.5V ≤
V
DDQ ≤ 2.5V, R1 = R2 = 1kΩ +/- 0.1%.
Specifications with standard typeface are for T
J = 25°C, and limits in boldface type apply over the full operating temperature range
(T
A = -40°C to +85°C).
Note:
(1) For Load Regulation testing use a low duty cycle current pulse, when measuring VTT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com