Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT1000N170 Datasheet (PDF) - STMicroelectronics

SCT1000N170 Datasheet PDF - STMicroelectronics
Part # SCT1000N170
Download  SCT1000N170 Download
File Size   305.7 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 1700 V, 1.0 Ω typ., 7 A in an HiP247 package

SCT1000N170 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT1000N170 Datasheet PDF - STMicroelectronics

Part # SCT1000N170
Download  SCT1000N170 Click to download

File Size   305.7 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Silicon carbide Power MOSFET 1700 V, 1.0 Ω typ., 7 A in an HiP247 package

SCT1000N170 Datasheet (HTML) - STMicroelectronics


SCT1000N170 Product details

Features
• High speed switching performance
• Very fast and robust intrinsic body diode
• Low capacitances
• Very high operating junction temperature capability (TJ = 200 °C)

Applications
• Auxiliary power supply for server
• Switch mode power supply




Similar Part No. - SCT1000N170

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
SCT100 ACT-SCT100 Datasheet
762Kb / 3P
Software-Compensated Clipped-Sine-Output TCXO
logo
Beijing Yaohuadechang E...
SCT100B YHDC-SCT100B Datasheet
7Mb / 1P
0.333V Split core current transformer
More results


Similar Description - SCT1000N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH35N65G2V-7 STMICROELECTRONICS-SCTH35N65G2V-7 Datasheet
378Kb / 15P
Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 45 A in an H2PAK-7 package
17-Dec-2020
SCTWA90N65G2V-4 STMICROELECTRONICS-SCTWA90N65G2V-4 Datasheet
239Kb / 13P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 119 A in an HiP247-4 package
25-Nov-2020
SCTW40N120G2V STMICROELECTRONICS-SCTW40N120G2V Datasheet
205Kb / 12P
Silicon carbide Power MOSFET 1200 V, 62 mΩ typ., 36 A in an HiP247 package
09-Jun-2021
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com