Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC66 Datasheet (PDF) - Holtek Semiconductor Inc

HT93LC66 Datasheet PDF - Holtek Semiconductor Inc
Part # HT93LC66
Download  HT93LC66 Download
File Size   161.54 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 4K 3-Wire Serial EEPROM

HT93LC66 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT93LC66 Datasheet PDF - Holtek Semiconductor Inc

Part # HT93LC66
Download  HT93LC66 Click to download

File Size   161.54 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 4K 3-Wire Serial EEPROM

HT93LC66 Datasheet (HTML) - Holtek Semiconductor Inc


HT93LC66 Product details

General Description
The HT93LC66 is a 4K-bit low voltage nonvolatile, serial electrically erasable programmable read only memory device using the CMOS floating gate process. Its 4096 bits of memory are organized into 256 words of 16 bits each when the ORG pin is connected to VCC or organized into 512 words of 8 bits each when it is tied to VSS. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. By popular microcontroller, the versatile serial interface including chip select (CS), serial clock (SK), data input (DI) and data output (DO) can be easily controlled.

Features
• Operating voltage: 2.2V~5.5V
• Low power consumption
    - Operating: 5mA max.
    - Standby: 10μA max.
• User selectable internal organization
    - 4K(HT93LC66): 512x8 or 256x16
• 3-wire Serial Interface
• Write cycle time: 5ms max.
• Automatic erase-before-write operation
• Word/chip erase and write operation
• Write operation with built-in timer
• Software controlled write protection
• 10-year data retention
• 106 rewrite cycles per word
• Commercial temperature range (0°C to +70°C)
• 8-pin DIP/SOP/TSSOP package




Similar Part No. - HT93LC66

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
More results


Similar Description - HT93LC66

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
CMOS 4K 2-Wire Serial EEPROM
November 25, 2003
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
logo
Sanyo Semicon Device
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
HT24LC04 HOLTEK-HT24LC04_10 Datasheet
125Kb / 12P
CMOS 4K 2-Wire Serial EEPROM
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
CMOS 4K 2-Wire Serial EEPROM
January 16, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com