Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC66 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT93LC66
Description  CMOS 4K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC66 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT93LC66 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT93LC66
CMOS 4K 3-Wire Serial EEPROM
Block Diagram
Pin Assignment
Rev. 1.30
1
April 13, 2004
Features
· Operating voltage: 2.2V~5.5V
· Low power consumption
- Operating: 5mA max.
- Standby: 10mA max.
· User selectable internal organization
- 4K(HT93LC66): 512´8or256´16
· 3-wire Serial Interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Word/chip erase and write operation
· Write operation with built-in timer
· Software controlled write protection
· 10-year data retention after 100K rewrite cycles
· 106 rewrite cycles per word
· Commercial temperature range (0°Cto+70°C)
· 8-pin DIP/SOP/TSSOP package
General Description
The HT93LC66 is a 4K-bit low voltage nonvolatile, serial
electrically erasable programmable read only memory de-
vice using the CMOS floating gate process. Its 4096 bits of
memory are organized into 256 words of 16 bits each
when the ORG pin is connected to VCC or organized into
512 words of 8 bits each when it is tied to VSS. The device
is optimized for use in many industrial and commercial ap-
plications where low power and low voltage operation are
essential. By popular microcontroller, the versatile serial
interface including chip select (CS), serial clock (SK), data
input (DI) and data output (DO) can be easily controlled.
M e m o r y C e l l
A r r a y
4 K : ( 5 1 2 ´ 8 o r 2 5 6 ´ 1 6 )
C o n t r o l
L o g i c
a n d
C l o c k
G e n e r a t o r
D a t a
R e g i s t e r
A d d r e s s
R e g i s t e r
C S
S K
D I
V C C
V S S
D O
A d d r e s s
D e c o d e r
O u t p u t
B u f f e r
O R G
1
2
3
4
8
7
6
5
V C C
N C
O R G
V S S
C S
S K
D I
D O
V C C
N C
O R G
V S S
C S
S K
D I
D O
1
2
3
4
8
7
6
5
H T 9 3 L C 6 6
8 D I P - A / S O P - A / T S S O P - A
H T 9 3 L C 6 6
8 S O P - B


Similar Part No. - HT93LC66

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
More results

Similar Description - HT93LC66

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
CMOS 4K 2-Wire Serial EEPROM
November 25, 2003
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
logo
Sanyo Semicon Device
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Holtek Semiconductor In...
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
HT24LC04 HOLTEK-HT24LC04_10 Datasheet
125Kb / 12P
CMOS 4K 2-Wire Serial EEPROM
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
CMOS 4K 2-Wire Serial EEPROM
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com