Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9170D Datasheet (PDF) - Holtek Semiconductor Inc

HT9170D Datasheet PDF - Holtek Semiconductor Inc
Part # HT9170D
Download  HT9170D Download
File Size   187.59 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Receiver

HT9170D Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9170D Datasheet PDF - Holtek Semiconductor Inc

Part # HT9170D
Download  HT9170D Click to download

File Size   187.59 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Receiver

HT9170D Datasheet (HTML) - Holtek Semiconductor Inc


HT9170D Product details

General Description
The HT9170B/D are Dual Tone Multi Frequency (DTMF) receivers integrated with digital decoder and bandsplit filter functions as well as power-down mode and inhibit mode operations. Such devices use digital counting techniques to detect and decode all the 16 DTMF tone pairs into a 4-bit code output.
Highly accurate switched capacitor filters are implemented to divide tone signals into low and high group signals. A built-in dial tone rejection circuit is provided to eliminate the need for pre-filtering.

Features
• Operating voltage: 2.5V~5.5V
• Minimal external components
• No external filter is required
• Low standby current (on power down mode)
• Excellent performance
• Tristate data output for MCU interface
• 3.58MHz crystal or ceramic resonator
• 1633Hz can be inhibited by the INH pin
• HT9170B: 18-pin DIP package
   HT9170D: 18-pin SOP package




Similar Part No. - HT9170D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9170D HOLTEK-HT9170D Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
HT9170D HOLTEK-HT9170D Datasheet
136Kb / 14P
DTMF Receiver
More results


Similar Description - HT9170D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
DTMF Receiver
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
DTMF Receiver?
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
DTMF RECEIVER
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
DTMF Receiver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com