Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9170D Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9170D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage ............................................
-0.3V to 6V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.5
5
5.5
V
IDD
Operating Current
5V
¾¾
3.0
7
mA
ISTB
Standby Current
5V
PWDN=5V
¾
10
25
mA
VIL
²Low² Input Voltage
5V
¾¾
¾
1.0
V
VIH
²High² Input Voltage
5V
¾
4.0
¾¾
V
IIL
²Low² Input Current
5V
VVP=VVN=0V
¾¾
0.1
mA
IIH
²High² Input Current
5V
VVP=VVN=5V
¾¾
0.1
mA
ROE
Pull-high Resistance (OE)
5V
VOE=0V
60
100
150
k
W
RIN
Input Impedance (VN, VP)
5V
¾¾
10
¾
M
W
IOH
Source Current (D0~D3, EST, DV)
5V
VOUT =4.5V
-0.4
-0.8
¾
mA
IOL
Sink Current (D0~D3, EST, DV)
5V
VOUT =0.5V
1.0
2.5
¾
mA
fOSC
System Frequency
5V
Crystal=3.5795MHz
3.5759
3.5795
3.5831
MHz
HT9170B/HT9170D
Rev. 1.10
3
September 24, 2002
V -
V +
O P E R A T I O N A L
A M P L I . I E R
V N
V P
G S
X 1
X 2
O S C I L L A T O R
C M O S I N
P u l l - h i g h
C M O S O U T
T r i s t a t e
E N
C M O S O U T
C M O S I N / O U T
V R E .
O P A
O P A
2 0 p .
1 0 M
1 0 p .
C M O S I N
P u l l - l o w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com