Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16561 Datasheet (PDF) - Holtek Semiconductor Inc

HT16561 Datasheet PDF - Holtek Semiconductor Inc
Part # HT16561
Download  HT16561 Download
File Size   116.29 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description VFD Digital Clock

HT16561 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT16561 Datasheet PDF - Holtek Semiconductor Inc

Part # HT16561
Download  HT16561 Click to download

File Size   116.29 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description VFD Digital Clock

HT16561 Datasheet (HTML) - Holtek Semiconductor Inc


HT16561 Product details

General Description
The HT16561 provides direct drive to VFD panels to implement a 12 hour clock function. In addition to obtaining its time base from a 4.194304MHz crystal oscillation source and in having a wide operating voltage, the device also contains a host of other features. These include a choice of adjustment modes, including single push increment or 2Hz fast forward functions. Additional features are provided in the form of Zero adjustment and four levels of contrast control.

Features
• VFD display 12 hour clock function
• 4.194304MHz crystal oscillation
• Zero adjust function
• Integrated voltage regulator permits wide 4V to 18V operating voltage range
• Four level contrast control function
• 44-pin QFP package




Similar Part No. - HT16561

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16561 HOLTEK-HT16561_12 Datasheet
145Kb / 9P
VFD Digital Clock
More results


Similar Description - HT16561

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16565 HOLTEK-HT16565 Datasheet
136Kb / 9P
24 Hour System VFD Digital Clock
February 7, 2007
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16562 HOLTEK-HT16562_10 Datasheet
97Kb / 8P
1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
1/2 Duty VFD Digital Clock
HT16561 HOLTEK-HT16561_12 Datasheet
145Kb / 9P
VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
HT16565 HOLTEK-HT16565_12 Datasheet
128Kb / 9P
24 Hour System VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com