Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16561 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16561
Description  VFD Digital Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16561 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16561 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
VDD
O
High voltage power supply pin.
VSS
¾ Ground pin.
DIM
I
Illumination level control pins.
Internally connected to pull-down resistors.
CONT1
I
CONT2
I
Illumination level control pins.
Internally connected to pull-up resistors.
A/C
I
When the A/C pin is low, the internal circuits are reset.
The reset pulse width should be more than 2
ms.
Internally connected to a pull-up resistor.
ZA
I
Zero adjustment pin.
Internally connected to a pull-down resistor.
HS
I
Hour adjustment pin.
Internally connected to a pull-down resistor.
MS
I
Minute adjustment pin.
Internally connected to a pull-down resistor.
SE
I
Set enable pin.
Internally connected to a pull-up resistor.
OSCO
O
Crystal oscillator pin
OSCI
I
TEST1, TEST2
I
IC test pin - should be left open or kept at a low level
TEST3, TEST4
I
IC test pin - should be left open or kept at a high level
64Hz
O
64Hz signal output pin for oscillation frequency adjustment
a1, a3 ~ b2, b4, c4
O
Segment output pins for VFD
AM, PM
1Hz
HT16561
Rev. 1.00
2
February 7, 2007
H T 1 6 5 6 1
4 4 Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
g 3
e 3
d 3
c 3
g 2
e 2
c 2
g 1
e 1
d 1
c 1
b 4
f 3
a 3
b 3
1 H z
f 2
a 2 , d 2
b 2
f 1
a 1
b 1
H T 1 6 5 6 1 B
4 4 Q F P - B
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
c 4
P M
Z A
T E S T 1
T E S T 4
N C
T E S T 3
T E S T 2
M S
H S
A M
6 4 H z
D I M
S E
V D D
C O N T 1
N C
C O N T 2
V S S
O S C I
O S C O
A / C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com