Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS244 Datasheet (PDF) - SYC Electronica

74LS244 Datasheet PDF - SYC Electronica
Part # 74LS244
Download  74LS244 Download
File Size   128.38 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

74LS244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LS244 Datasheet PDF - SYC Electronica

Part # 74LS244
Download  74LS244 Click to download

File Size   128.38 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

74LS244 Datasheet (HTML) - SYC Electronica


74LS244 Product details

General Description
These buffers/line drivers are designed to improve both the
performance and PC board density of 3-STATE buffers/
drivers employed as memory-address drivers, clock drivers,
and bus-oriented transmitters/receivers. Featuring 400
mV of hysteresis at each low current PNP data line input,
they provide improved noise rejection and high fanout outputs
and can be used to drive terminated lines down to
133W.

Features
n 3-STATE outputs drive bus lines directly
n PNP inputs reduce DC loading on bus lines
n Hysteresis at data inputs improves noise margins
n Typical IOL (sink current) 24 mA
n Typical IOH (source current) -15 mA
n Typical propagation delay times
Inverting 10.5 ns
Noninverting 12 ns
n Typical enable/disable time 18 ns
n Typical power dissipation (enabled)
Inverting 130 mW
Noninverting 135 mW




Similar Part No. - 74LS244

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
74LS244 MITSUBISHI-74LS244 Datasheet
224Kb / 4P
OCTAL BUFFER/LINE DRIVERS WITH 3-STATE OUTPUT(NONINVERTED)
logo
ON Semiconductor
74LS244 ONSEMI-74LS244 Datasheet
122Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS244 TI-74LS244 Datasheet
247Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LS244 FAIRCHILD-74LS244 Datasheet
65Kb / 6P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
Hitachi Semiconductor
74LS244 HITACHI-74LS244 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
More results


Similar Description - 74LS244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Fairchild Semiconductor
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74LS244 FAIRCHILD-DM74LS244 Datasheet
65Kb / 6P
Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com