Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS244 Datasheet(PDF) 3 Page - SYC Electronica

Part # 74LS244
Description  Octal 3-STATE Buffer/Line Driver/Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS244 Datasheet(HTML) 3 Page - SYC Electronica

  74LS244 Datasheet HTML 1Page - SYC Electronica 74LS244 Datasheet HTML 2Page - SYC Electronica 74LS244 Datasheet HTML 3Page - SYC Electronica 74LS244 Datasheet HTML 4Page - SYC Electronica 74LS244 Datasheet HTML 5Page - SYC Electronica 74LS244 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
at VCC = 5V, TA = 25°C
Symbol
Parameter
Conditions
Max
Units
tPLH
Propagation Delay Time
CL = 45 pF
18
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time
CL = 45 pF
18
ns
HIGH-to-LOW Level Output
RL = 667Ω
tPZL
Output Enable Time to
CL = 45 pF
30
ns
LOW Level
RL = 667Ω
tPZH
Output Enable Time to
CL = 45 pF
23
ns
HIGH Level
RL = 667Ω
tPLZ
Output Disable Time
CL = 5 pF
25
ns
from LOW Level
RL = 667Ω
tPHZ
Output Disable Time
CL = 5 pF
18
ns
from HIGH Level
RL = 667Ω
tPLH
Propagation Delay Time
CL = 150 pF
21
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time
CL = 150 pF
22
ns
HIGH-to-LOW Level Output
RL = 667Ω
tPZL
Output Enable Time to
CL = 150 pF
33
ns
LOW Level
RL = 667Ω
tPZH
Output Enable Time to
CL = 150 pF
26
ns
HIGH Level
RL = 667Ω
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com