Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3501U Datasheet (PDF) - Maxim Integrated Products

DS3501U Datasheet PDF - Maxim Integrated Products
Part # DS3501U
Download  DS3501U Download
File Size   230.54 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table

DS3501U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3501U Datasheet PDF - Maxim Integrated Products

Part # DS3501U
Download  DS3501U Click to download

File Size   230.54 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table

DS3501U Datasheet (HTML) - Maxim Integrated Products


DS3501U Product details

General Description
The DS3501 is a 7-bit, nonvolatile (NV) digital potentiometer featuring an output voltage range of up to 15.5V. Programming is accomplished by an I2C-compatible interface, which can operate at speeds of up to 400kHz. External voltages are applied at the RL and RH inputs to define the lowest and highest potentiometer outputs.

Features
♦ 128 Wiper Tap Points
♦ Full-Scale Resistance: 10kΩ
♦ On-Chip Temperature Sensor and ADC
♦ 36-Byte Lookup Table (LUT)
♦ I2C-Compatible Serial Interface
♦ Address Pins Allow Up to Four DS3501s to Share
   the Same I2C Bus
♦ Digital Operating Voltage: 2.7V to 5.5V
♦ Analog Operating Voltage: 4.5V to 15.5V
♦ Operating Temperature: -40°C to +100°C
♦ Pin and Software Compatible with ISL95311
   (Default Mode)
♦ 10-Pin μSOP Package

Applications
   TFT-LCD VCOM Calibration
   Linear and Nonlinear Compensation
   Instrumentation and Industrial Controls
   Mechanical POT Replacement
   Optical Transceivers




Similar Part No. - DS3501U

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS350 BRIDGELUX-DS350 Datasheet
1Mb / 23P
Tunable White Gen 2 9mm Array, 90 CRI and ThriveTM
05/2025
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U MAXIM-DS3502U Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U+ MAXIM-DS3502U+ Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
More results


Similar Description - DS3501U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 010307
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 3/12
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com