Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3503 Datasheet (PDF) - Maxim Integrated Products

DS3503 Datasheet PDF - Maxim Integrated Products
Part # DS3503
Download  DS3503 Download
File Size   209.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NV, I2C, Stepper Potentiometer

DS3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3503 Datasheet PDF - Maxim Integrated Products

Part # DS3503
Download  DS3503 Click to download

File Size   209.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NV, I2C, Stepper Potentiometer

DS3503 Datasheet (HTML) - Maxim Integrated Products


DS3503 Product details

General Description
The DS3503 features two synchronized stepping digital potentiometers: one 7-bit potentiometer with RW as its output, and another potentiometer with Y as its output. Both potentiometers reference the RH and RL terminals and feature an output voltage range of up to 15.5V. In addition, both potentiometer outputs can be stepped up and down by configuring the control registers. Programming is accomplished by an I2C-compatible interface that can operate at speeds of up to 400kHz.

Features
♦ 128 Wiper Tap Points
♦ Full-Scale Resistance: 5kΩ
♦ Programmable Logic Lets WR Step Up and Down
   with Timing Controlled by SYNC Input
♦ Second Potentiometer Output Pin (Y) Centered at
   Position 40h
♦ I2C-Compatible Serial Interface
♦ Digital Operating Voltage: 2.7V to 3.6V
♦ Analog Operating Voltage: 4.5V to 15.5V
♦ Operating Temperature: -40°C to +100°C
♦ 10-Pin µSOP Package

Applications
   TFT-LCD VCOM Calibration
   Instrumentation and Industrial Controls
   Mechanical Potentiometer Replacement




Similar Part No. - DS3503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503U+ MAXIM-DS3503U+ Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503U+TR MAXIM-DS3503U+TR Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
More results


Similar Description - DS3503

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
NV Tri-Potentiometer, Memory, and MicroMonitor
042902
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
Dual NV Potentiometer and Memory
011006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com