Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1846 Datasheet (PDF) - Maxim Integrated Products

DS1846 Datasheet PDF - Maxim Integrated Products
Part # DS1846
Download  DS1846 Download
File Size   248.47 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NV Tri-Potentiometer, Memory, and MicroMonitor

DS1846 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1846 Datasheet PDF - Maxim Integrated Products

Part # DS1846
Download  DS1846 Click to download

File Size   248.47 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NV Tri-Potentiometer, Memory, and MicroMonitor

DS1846 Datasheet (HTML) - Maxim Integrated Products


DS1846 Product details

OVERVIEW
The DS1846 NV tri-potentiometer, memory, and MicroMonitor™ consists of two 10kΩ, 100-position linear taper potentiometers, one 100kΩ, 256-position linear taper potentiometer; 256 bytes of EEPROM memory; and a MicroMonitor. The device provides an ideal method for setting bias voltages and currents in control applications using a minimum of circuitry.

FEATURES
◾ Three linear taper potentiometers
◾ Two 10kΩ, 100-position
◾ One 100kΩ, 256-position
◾ 248 bytes of user EEPROM memory
◾ Monitors microprocessor power supply, voltage sense, and external override
◾ Access to data and potentiometer control through a 2-wire interface
◾ External write-protect (WP) pin to protect data and potentiometer settings
◾ Operates from a 5V supply
◾ Nonvolatile (NV) wiper storage
◾ Packaging: 20-pin TSSOP
◾ Programming temperature: 0ºC to +70ºC
◾ Industrial operating temperature: -40ºC to +85ºC




Similar Part No. - DS1846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1841T+ MAXIM-DS1841T+ Datasheet
252Kb / 16P
Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1841T+TR MAXIM-DS1841T+TR Datasheet
252Kb / 16P
Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
More results


Similar Description - DS1846

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
NV Trimmer Potentiometer
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
logo
Intersil Corporation
X79000 INTERSIL-X79000 Datasheet
270Kb / 18P
NV DAC with Selectable Output Range and Memory
March 17, 2005
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
NV DAC with Selectable Output Range and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
Dual NV Potentiometer and Memory
011006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com