| Manufacturer | Part # | Datasheet | Description |
 Linear Technology |
LT1166
|
454Kb / 16P |
Power Output Stage Automatic Bias System
|
 Maxim Integrated Produc... |
MAX4080
|
410Kb / 15P |
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02 |
|
MAX4080
|
398Kb / 16P |
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08 |
|
DS1842
|
132Kb / 6P |
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09 |
|
DS1842A
|
145Kb / 6P |
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09 |
|
MAX4080
|
320Kb / 14P |
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10 |
|
MAX15059
|
2Mb / 15P |
76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10 |
|
MAX4080
|
330Kb / 14P |
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11 |
 Linear Technology |
LT1166
|
403Kb / 16P |
Power Output Stage Automatic Bias System
|
 Maxim Integrated Produc... |
MAX4080
|
1Mb / 14P |
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020 |