Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW610F Datasheet (PDF) - NXP Semiconductors

IW610F Datasheet PDF - NXP Semiconductors
Part # IW610F
Download  IW610F Download
File Size   1161.78 Kbytes
Page   107 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family

IW610F Datasheet (PDF)

Go To PDF Page Download Datasheet
IW610F Datasheet PDF - NXP Semiconductors

Part # IW610F
Download  IW610F Click to download

File Size   1161.78 Kbytes
Page   107 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1x1 Wi-Fi 6 and Bluetooth Low Energy/802.15.4 Solution Family

IW610F Datasheet (HTML) - NXP Semiconductors


IW610F Product details

1.1 Applications
• Smart home: smart outlet, light switch, security camera, thermostat, sprinkler controller, door lock, door bell,
garage door, security system, and smart display
• Imaging: printer, digital still camera (DSC)
• Industrial: building management, smart lighting, security / physical access, Point of Sale (POS) terminals, EV
chargers, smart meters, solar inverters, heat pumps
• Smart devices—air purifier, pet monitor, weighing scale, glucometer, blood pressure monitor, fitness
equipment
• Smart appliances—refrigerator, washer, dryer, oven range, microwave, dishwasher, water heater, air
conditioner, robotic vacuum cleaner
• Smart accessories— alarm clock, remote control
• Gateways—Multi-radio hub/smart device gateway to/for Internet/IP connectivity
1.2 Wi-Fi 6 (802.11ax) key features
• 1x1 dual-band 2.4 GHz/5 GHz Wi-Fi 6 radio
• Integrated Wi-Fi PA, LNA, and T/R switch, up to +23 dBm TX power
• 20 MHz channel operation
• Wi-Fi 6 Target Wake Time (TWT) support
• Wi-Fi 6 Extended Range (ER) and Dual Carrier Modulation (DCM)
• Low-power Wi-Fi idle, standby, and sleep modes
• WPA2/WPA3 security
• Support for Matter over Wi-Fi
• Antenna diversity
1.3 Narrowband key features
• Integrated PA / LNA / Switch with up to +15 dBm TX output
1.3.1 Bluetooth LE key features
• Bluetooth Low Energy 5.4
• Bluetooth LE 1 Mbps and 2 Mbps high-speed uncoded modes, and Long Range operation (125 kbps and
500 kbps coded data rates)
1.3.2 802.15.4 radio key features
• IEEE 802.15.4-2015 compliant MAC
• Support for Matter over Thread




Similar Part No. - IW610F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IW611 NXP-IW611 Datasheet
1Mb / 119P
2.4/5 GHz Dual-band 1x1 Wi-Fi 6 and Bluetooth 5.4 Solution
Rev. 6.0 - 13 September 2024
IW611HN/A1CK NXP-IW611HN/A1CK Datasheet
1Mb / 119P
2.4/5 GHz Dual-band 1x1 Wi-Fi 6 and Bluetooth 5.4 Solution
Rev. 6.0 - 13 September 2024
IW611HN/A1CMP NXP-IW611HN/A1CMP Datasheet
1Mb / 119P
2.4/5 GHz Dual-band 1x1 Wi-Fi 6 and Bluetooth 5.4 Solution
Rev. 6.0 - 13 September 2024
IW611HN/A1IK NXP-IW611HN/A1IK Datasheet
1Mb / 119P
2.4/5 GHz Dual-band 1x1 Wi-Fi 6 and Bluetooth 5.4 Solution
Rev. 6.0 - 13 September 2024
IW611HN/A1IMP NXP-IW611HN/A1IMP Datasheet
1Mb / 119P
2.4/5 GHz Dual-band 1x1 Wi-Fi 6 and Bluetooth 5.4 Solution
Rev. 6.0 - 13 September 2024
More results


Similar Description - IW610F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
IEEE 802.15.4 and Bluetooth Low Energy Module
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS Datasheet
1Mb / 88P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 2-21 May 2021
88W8801-SDS NXP-88W8801-SDS Datasheet
674Kb / 57P
2.4 GHz Single-band 1x1 Wi-Fi 4 Solution
Rev. 2-14 December 2020
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
88W8987_SDS NXP-88W8987_SDS_V02 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 5 - 11 November 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com