Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1408D Datasheet (PDF) - RF Monolithics, Inc

RF1408D Datasheet PDF - RF Monolithics, Inc
Part # RF1408D
Download  RF1408D Download
File Size   55.87 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description Ideal Front-End Filter for Domestic Wireless Receivers 447.7 MHz SAW Filter

RF1408D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1408D Datasheet PDF - RF Monolithics, Inc

Part # RF1408D
Download  RF1408D Click to download

File Size   55.87 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description Ideal Front-End Filter for Domestic Wireless Receivers 447.7 MHz SAW Filter

RF1408D Datasheet (HTML) - RF Monolithics, Inc


RF1408D Product details

The RF1408D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 447.7 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices (especially for automotive keyless entry) operating in the USA under FCC Part 15, in Canada under RSS-210, and in Italy

• Ideal Front-End Filter for Domestic Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1408D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1408D MURATA-RF1408D Datasheet
64Kb / 2P
447.7 MHz SAW Filter
More results


Similar Description - RF1408D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
35.42MHz SAW Filter for GPS Receivers
logo
TEMEX
TMXU388 TEMEX-TMXU388 Datasheet
315Kb / 4P
SAW Front-End Filter - European Wireless Receivers - RF
logo
Oscilent Corporation
803-RF935.5M-B OSCILENT-803-RF935.5M-B Datasheet
149Kb / 2P
RF SAW Filter for Wireless
logo
Murata Manufacturing Co...
RF1408D MURATA-RF1408D Datasheet
64Kb / 2P
447.7 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF480-3 VANLONG-SF480-3 Datasheet
243Kb / 2P
Ideal for DBS Receivers, IF Filter
SF480-L3R VANLONG-SF480-L3R Datasheet
122Kb / 2P
Ideal Front-End Filter for Wireless Receivers
logo
Taoglas antenna solutio...
MA750.A.ABICG.003 TAOGLAS-MA750.A.ABICG.003 Datasheet
692Kb / 33P
Front End SAW Filter
MA1130.A.LBICGT.002 TAOGLAS-MA1130.A.LBICGT.002 Datasheet
2Mb / 30P
Front End SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB352ED TAI-SAW-TB352ED Datasheet
967Kb / 5P
SAW Filter 352 MHz for Wireless LAN
logo
Transko Electronics, In...
TA139AK TRANSKO-TA139AK Datasheet
275Kb / 3P
Wireless, SAW Filter
Revision 0: March 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com