Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3371-5P Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML3371-5P Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML3371-5P
Download  ML3371-5P Download
File Size   1375.16 Kbytes
Page   19 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Low Power Narrowband FM IF

ML3371-5P Datasheet (PDF)

Go To PDF Page Download Datasheet
ML3371-5P Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML3371-5P
Download  ML3371-5P Click to download

File Size   1375.16 Kbytes
Page   19 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Low Power Narrowband FM IF

ML3371-5P Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML3371-5P Product details

The ML3371 and ML3372 perform single conversion FM reception and consist of an oscillator, mixer, limiting IF amplifier, quadrature discriminator, active filter, squelch switch, and meter drive circuitry. These devices are designed for use in FM dual conversion communication equipment. The ML3371/ML3372 are similar to the Motorola MC3361/MC3357 FM IFs, except that a signal strength indicator replaces the scan function controlling driver which is in the MC3361/MC3357. The ML3371 is designed for the use of parallel LC components, while the ML3372 is designed for use with either a 455 kHz ceramic discriminator, or parallel LC components.
These devices also require fewer external parts than earlier products. The ML3371 and ML3372 are available in dual–in–line and surface mount packaging.

• Wide Operating Supply Voltage Range: VCC = 2.0 to 9.0 V
• Input Limiting Voltage Sensitivity of –3.0 dB
• Low Drain Current: ICC = 3.2 mA, @ VCC = 4.0 V, Squelch Off
• Minimal Drain Current Increase When Squelched
• Signal Strength Indicator: 60 dB Dynamic Range
• Mixer Operating Frequency Up to 100 MHz
• Fewer External Parts Required than Earlier Devices
• Operating Temperature Range TA = –30° to +70°C




Similar Part No. - ML3371-5P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3371-5P LANSDALE-ML3371-5P Datasheet
892Kb / 19P
Low Power Narrowband FM IF
More results


Similar Description - ML3371-5P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
Narrowband FM IF Amplifiers for Pager Receivers
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
LOW POWER NARROWBAND FM IF
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
Low Power Narrowband FM IF
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
Low Power Narrowband FM IF
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
Low Power Narrowband FM IF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com