Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13150 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML13150 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML13150
Download  ML13150 Download
File Size   1597.33 Kbytes
Page   20 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Narrowband FM Coilless Detector IF Subsystem

ML13150 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML13150 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML13150
Download  ML13150 Click to download

File Size   1597.33 Kbytes
Page   20 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Narrowband FM Coilless Detector IF Subsystem

ML13150 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML13150 Product details

Legacy Device: Motorola MC13150

The ML13150 is a narrowband FM IF subsystem targeted at cellular and other analog applications. The ML13150 has an onboard Colpitts VCO that can be crystal controlled or phased lock for second LO in dual conversion receivers. The mixer is a double balanced configuration with excellent third order intercept. It is useful to beyond 200 MHz. The IF amplifier is split to accommodate two low cost cascaded filters. RSSI output is derived by summing the output of both IF sections., The quadrature detector is a unique design eliminating the conventional tunable quadrature coil.

Applications for the ML13150 include cellular, CT-1, 900 MHz cordless telephone, data links and other radio systems utilizing narrowband FM modulation.

• Linear Coilless Detector
• Adjustable Demodulator Bandwidth
• 2.5 to 6.0 Vdc Operation
• Low Drain Current <2.0 mA
• Typical Sensitivity of 2.0 µV for 12 dB SINAD
• IIP3, Input Third Order Intercept Point of 0 dBm
• RSSI Range of Greater Than 100 dB
• Internal 1.4 kΩ Terminations for 455 kHz Filters
• Split IF for Improved filtering and Extended RSSI Range
• Operating Temperature Range - TA = -40° to +85°C




Similar Part No. - ML13150

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
Wideband FM IF
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
1,018Kb / 16P
Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
Wideband FM IF
More results


Similar Description - ML13150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
Narrowband FM IF Stage
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
FM IF Detector
March 1, 2000
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
LOW POWER NARROWBAND FM IF
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
FM IF Detector IC
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
Low Power Narrowband FM IF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com