Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9011 Datasheet (PDF) - Holtek Semiconductor Inc

HT9011 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9011
Download  HT9011 Download
File Size   98.26 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description FM IF Detector

HT9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9011 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9011
Download  HT9011 Click to download

File Size   98.26 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description FM IF Detector

HT9011 Datasheet (HTML) - Holtek Semiconductor Inc


HT9011 Product details

General Description
The HT9011 is designed for FM communication system devices. It combines a paging system, mixer, IF limiter, Quadrature detector, operation amplifier, comparator and more. The HT9011 could provide the customers PAGER system with total solution along with Holteks POCSAG Pager Controller series products.

Features
• Operating voltage: 1.1V~3.5V
• Constant power supply voltage can be generated by externally adding a transistor: VREG=1.0V typ.
• Alarm function sensitivity: VALM=1.1V typ.
• Low current consumption: ICCQ=1.1mA typ.
• Built-in 2nd stage mixer for double conversion method
• Mixer operating frequency: 10MHz~50MHz
• Built-in low-pass filter and waveform shaping circuit enable the extraction of FSK signals from voice signals
• Built-in battery-saving function for longer battery life time
• High transmission rate: 1200 bps
• 20-pin SSOP package (0.65mm Pitch)




Similar Part No. - HT9011

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
RF Single Chip for Cordless Phone
April 10, 2000
More results


Similar Description - HT9011

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
Integrated Circuit FM IF Amplifier, Detector
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
FM IF DETECTOR/AMPLIFIER
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
FM IF limiter amplifier and detector
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
FM IF Detector IC
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
FM IF detector for cordless phones
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
FM IF Detector IC
May, 2013
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com