Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9011 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9011
Description  FM IF Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9011 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9011 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9011 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
OSCI
I
These pins are connected to the external parts of an oscillating
circuit.
2
OSCO
O
3
MIXO
O
Mixer output pin. Connect a 455kHz ceramic filter between this
pin and the IFIN pin.
4
VCC
¾
Positive power supply
5
IFIN
I
Input terminal for IF Amp.
6
DEC
I
Bias Decoupling
7
FSKR
I
Reference input of differential amplifier for waveform shaping.
Connect the capacitor externally.
8
IFO
O
IF Amplifier Output pin. Connect the discri-
minator through the coupling capacitor.
9
QUAD
I
FM demodulator phase shift input pin connected to a quadrature
detector phase shifter.
10
AFO
O
FM demodulator output pin
11
LPFI
I
Low Pass Filter Input pin
12
LPFO
O
Low Pass Filter Output pin
13
BS
I
Battery-saving Control pin
²H² Normal Operation
²L² Battery-saving
HT9011
2
March 1, 2000
Preliminary
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
OS C I
OS C O
MI X O
VC C
IF IN
DE C
F SKR
IF O
QUA D
AF O
MI X I
GN D
RE G O
RE G C
AL M
FS K O
CHG
BS
LP F O
LP F I
H T 9011
2 0 S S O P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com