Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9015 Datasheet (PDF) - Holtek Semiconductor Inc

HT9015 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9015
Download  HT9015 Download
File Size   206.23 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RF Single Chip for Cordless Phone

HT9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9015 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9015
Download  HT9015 Click to download

File Size   206.23 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RF Single Chip for Cordless Phone

HT9015 Datasheet (HTML) - Holtek Semiconductor Inc


HT9015 Product details

General Description
The HT9015 is an RF single chip for cordless phone systems. Internally these are three major parts, a PLL, an IF decoder and a compander.

Features
• Operating voltage: 2.7V~6V
• Extremely low power consumption current
    - ICC= 0A (typ.) in battery-saving mode
    - ICC= 8.5mA (typ.) in standby mode
    - ICC= 13.5mA (typ.) for communication
• Built-in IF decoder, compander and PLL
• IF decoder
    - 1st/2nd Mixers, RX VCO
    - RSSI quadrature detector, IF AMP
    - Noise detector
• Compander
    - Expander, Compressor, Limiter
    - Receive AMP, MIC AMP, PRE AMP
• PLL
    - RX PLL, TX PLL
    - Local oscillator
    - Data latch control
    - Unlock detector
• Four threshold variable battery alarms




Similar Part No. - HT9015

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
FM IF Detector
March 1, 2000
More results


Similar Description - HT9015

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF927A KEC-KF927A Datasheet
198Kb / 2P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
KFX0327T KEC-KFX0327T Datasheet
612Kb / 5P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE ISM)
KFX0414T KEC-KFX0414T Datasheet
174Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CIS)
KFX1404T KEC-KFX1404T Datasheet
168Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CIS)
KFX1459T KEC-KFX1459T Datasheet
178Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX2703T KEC-KFX2703T Datasheet
645Kb / 5P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE ISM)
KFX3186T KEC-KFX3186T Datasheet
178Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX5914T KEC-KFX5914T Datasheet
174Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
KFX8631T KEC-KFX8631T Datasheet
176Kb / 2P
SPECIFICATIONS FOR SAW DUPLEXER (RF DUPLEXER FOR CORDLESS PHONE CT-1)
logo
TOKO, Inc
TDF2A-836E-10A TOKO-TDF2A-836E-10A Datasheet
194Kb / 4P
TDF series for Mobile & Cordless Phone
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com