Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9015 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9015 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
VCO2
I
Connects LC network with VCO1 pin to provide the tank circuit
for the received voltage control oscillator
2
C_RECT
¾ Normally connected to ground through a capacitor.
3
RX_OUT
O
Receiver phase detector output. The PDT of RX-PLL detects
phase errors from the received PLL. The output is connected to
external low pass filter.
4
TX_OUT
O
Transmitter phase detector output. The PDT of TX-PLL detects
phase errors from the transmitted PLL. The output is connected
to an external low pass filter.
5
GND2
¾ Digital ground
6
TX_IN
I
14-bit programmable transmit counter input. The output signal
from the external VCO circuit can be AC coupled to this pin.
HT9015
3
April 10, 2000
Preliminary
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VC O 2
C_ RE CT
RX _ O UT
TX _ O U T
GND2
TX _ I N
VC C 3
LO 1
LO 2
SI G_ O U T
CL K
DA T A
ST B
FI L _ O U T
FI L _ I N
CO M P _ O UT
C_ NF
MI C _ O U T
MI C _ I N
PR E_ I N
PR E_ O U T
EXP_ O U T
RE CE _ I N
RO 1
VC O 1
VC O _ C O N T
V CC2
1 S T M IX IN
VR EF
1S T M I X O U T
E _ RE CT
2 N D M IX IN
N_ RE C
2N D M I X O U T
V CC1
IF _ I N
DE C
GND1
IF _ O U T
QU A D
AF _ O U T
N_ F I L _ O UT
N _ F I L_I N
D_ CO M P _ I N
D_ CO M P _ O UT
R SSI
BAT _ AL M
RO 2
H T 9 0 1 5
4 8 SSO P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com