Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9015 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
China CT0 frequency
· Base set
Channel
Number
TX Channel
Frequency (MHz)
TX Counter Value
(Ref. Freq.=
5.00kHz
fIN-R Input
Frequency (MHz)
(1st IF= 10.7MHz)
RX Counter Value
(Ref. Freq.=
5.00kHz)
1
45.250
9050
37.550
7510
2
45.275
9055
37.575
7515
3
45.300
9060
37.600
7520
4
45.325
9065
37.625
7525
5
45.350
9070
37.650
7530
6
45.375
9075
37.675
7535
7
45.400
9080
37.700
7540
8
45.425
9085
37.725
7545
9
45.450
9090
37.750
7550
10
45.475
9095
37.775
7555
· Hand set
Channel
Number
TX Channel
Frequency (MHz)
TX Counter Value
(Ref. Freq.=
5.00kHz
fIN-R Input
Frequency (MHz)
(1st IF= 10.7MHz)
RX Counter Value
(Ref. Freq.=
5.00kHz)
1
48.250
9650
34.550
6910
2
48.275
9655
34.575
6915
3
48.300
9660
34.600
6920
4
48.325
9665
34.625
6925
5
48.350
9670
34.650
6930
6
48.375
9675
34.675
6935
7
48.400
9680
34.700
6940
8
48.425
9685
34.725
6945
9
48.450
9690
34.750
6950
10
48.475
9695
34.775
6955
HT9015
21
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com