Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9015 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
U.S.A. CT0 frequency (10 channels)
· Base set
Channel
Number
TX Channel
Frequency
(MHz)
TX Counter Value
(Ref. Freq.=
5.00kHz
fIN-R Input
Frequency (MHz)
(1st IF= 10.695MHz)
RX Counter
Value (Ref. Freq.
= 5.00kHz)
1
46.610
9322
38.975
7795
2
46.630
9326
39.150
7830
3
46.670
9334
39.165
7833
4
46.710
9342
39.075
7815
5
46.730
9346
39.180
7836
6
46.770
9354
39.135
7827
7
46.830
9366
39.195
7839
8
46.870
9374
39.235
7847
9
46.930
9386
39.295
7859
10
46.970
9394
39.275
7855
· Hand set
Channel
Number
TX Channel
Frequency
(MHz)
TX Counter Value
(Ref. Freq.=
5.00kHz
fIN-R Input
Frequency (MHz)
(1st IF= 10.7MHz)
RX Counter
Value (Ref. Freq.
= 5.00kHz)
1
49.670
9934
35.915
7183
2
49.845
9969
35.935
7187
3
49.860
9972
35.975
7195
4
49.770
9954
36.015
7203
5
49.875
9975
36.035
7207
6
49.830
9966
36.075
7215
7
49.890
9978
36.135
7227
8
49.930
9986
36.175
7235
9
49.990
9998
36.235
7247
10
49.970
9994
36.275
7255
HT9015
22
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com