Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9015 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9015 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Block Diagram
HT9015
2
April 10, 2000
Preliminary
VR EF
1s t
M i x e r
44
45
1S T M I X _I N
VC C 2
46
47
V C O _ CO NT
RX
VC O
VC O 1
48
VC O 2
1
C_ RE CT
2
RX
PL L
RX _ O UT
3
TX
PL L
TX _ O U T
4
GND2
6
1S T M I X _O U T
E _ RE CT
43
42
2N D M I X _I N
2nd
M i x e r
LO
OS C
41
N_ RE C
40
2N D M I X _O U T
39
VC C 1
38
L o w BAT
Al a r m
IF _ I N
IF
AM P
37
DE C
36
GND1
35
IF _ O U T
34
RS S I
QU A D
Qu a d
De t e c t o r
33
AF _ O U T
32
N_ F I L _ O UT
LP F
No i s e
Fi l t e r
31
N _ F I L_I N
30
Da t a
Co m p
29
D_ CO M P _ I N
28
D_ CO M P _ O UT
R SSI
27
Co m -
par at or
26
B A T _A LM
RO 2
25
RO 1
24
23
RE CE _ I N
EXP_ O U T
E x p and er
E_ M U T E
Co m p r e s s o r
22
PR E_ O U T
21
PR E_ I N
20
MI C
AM P
19
18
17
MI C _ I N
MI C _ O U T
C_ NF
CO M P _ O UT
LP F
F I L_I N
C_ M U T E
16
15
F I L_O U T
ST B
DA T A
CL K
SI G_ O U T
14
13
12
11
LO 2
LO 1
TX _ I N
VC C 3
10
9
8
7
Re c e i v e r
AM P
PR E
AM P
5
R egul at o r
Li m i t e r
D a t a Lat c h
C ont r o l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com