Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1110 Datasheet (PDF) - ams AG

AS1110 Datasheet PDF - ams AG
Part # AS1110
Download  AS1110 Download
File Size   926.6 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Constant-Current, 16-Channel LED Driver with Diagnostics

AS1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1110 Datasheet PDF - ams AG

Part # AS1110
Download  AS1110 Click to download

File Size   926.6 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Constant-Current, 16-Channel LED Driver with Diagnostics

AS1110 Datasheet (HTML) - ams AG


AS1110 Product details

General Description

The AS1110 is designed to drive up to 16 LEDs through a fast serial interface and features 16 output constant current drivers and an on-chip diagnostic read-back function.

The high clock-frequency (up to 50MHz), adjustable output current, and flexible serial interface makes the device perfectly suited for high-volume transmission applications.



Key Features

16 Constant-Current Output Channels

Excellent Output Current Accuracy

 - Between Channels: <±3%

 - Between Devices: <±3%

Output Current Per Channel: 0.5mA to 100mA

Controlled In-Rush Current

Over-Temperature, Open-LED, Shorted-LED Diagnostic Functions

Low-Current Test Mode

Global Fault Monitoring

Low Shutdown Mode Current: 10µA

Fast Serial Interface: 50MHz

Cascaded Configuration

Extremely Fast Output Drivers Suitable for PWM

24-pin SSOP and 28-pin QFN (5x5mm) Package



Applications

The device is ideal for fixed- or slow-rolling displays using static or multiplexed LED matrix and dimming functions, large LED matrix displays, mixed LED display and switch monitoring, displays in elevators, public transports (underground, trains, buses, taxis, airplanes, etc.), large displays in stadiums and public areas, price indicators in retail stores, promotional panels, bar-graph displays, industrial controller displays, white good pan

els, emergency light indicators, and traffic signs.




Similar Part No. - AS1110

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams-OSRAM AG
AS1110 AMSOSRAM-AS1110 Datasheet
874Kb / 26P
Constant-Current, 16-Channel LED Driver with Diagnostics
Revision 1.6
logo
ams AG
AS1110-BQFR AMSCO-AS1110-BQFR Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Similar Description - AS1110

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com