Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet (PDF) - ams AG

AS1109 Datasheet PDF - ams AG
Part # AS1109
Download  AS1109 Download
File Size   349.24 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Constant-Current, 8-Bit LED Driver with Diagnostics

AS1109 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1109 Datasheet PDF - ams AG

Part # AS1109
Download  AS1109 Click to download

File Size   349.24 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Constant-Current, 8-Bit LED Driver with Diagnostics

AS1109 Datasheet (HTML) - ams AG


AS1109 Product details

General Description
The AS1109 is designed to drive up to 8 LEDs through a fast serial interface and features 8 output constant current drivers and an onchip diagnostic read-back function.
The high clock-frequency (up to 50MHz), adjustable output current, and flexible serial interface makes the device perfectly suited for high-volume transmission applications.

Key Features
■8 Constant-Current Output Channels
■Excellent Output Current Accuracy
    - Between Channels: ±2%
    - Between AS1109 Devices: ±2%
■Output Current Per Channel: 0.5 to 100mA
■Controlled In-Rush Current
■Over-Temperature, Open-LED, Shorted-LED Diagnostics Functions
■Low-Current Test Mode
■Global Fault Monitoring
■Low Shutdown Mode Current: 3µA
■Fast Serial Interface: up to 50MHz
■Cascaded Configuration
■Fast Output Drivers Suitable for PWM
■16-pin SOIC-150, 16-pin QFN (4x4mm) and 16-pin QSOP-150 Package

Applications
    The device is ideal for fixed- or slow-rolling displays using static or multiplexed LED matrix and dimming functions, large LED matrix displays, mixed LED display and switch monitoring, displays in elevators, public transports (underground, trains, buses, taxis, airplanes, etc.), large displays in stadiums and public areas, price indicators in retail stores, promotional panels, bar-graph displays, industrial controller displays, white good panels, emergency light indicators, and traffic signs.




Similar Part No. - AS1109

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109 Datasheet
53Kb / 1P
AS1109 Evaluation Board
AS1109 AMSCO-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams-OSRAM AG
AS1109 AMSOSRAM-AS1109 Datasheet
844Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
Revision 1.21
More results


Similar Description - AS1109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
8-Bit Constant Current LED Driver
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com