Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet (PDF) - ams-OSRAM AG

AS1109 Datasheet PDF - ams-OSRAM AG
Part # AS1109
Download  AS1109 Download
File Size   844.58 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Constant-Current, 8-Bit LED Driver with Diagnostics

AS1109 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1109 Datasheet PDF - ams-OSRAM AG

Part # AS1109
Download  AS1109 Click to download

File Size   844.58 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Constant-Current, 8-Bit LED Driver with Diagnostics

AS1109 Datasheet (HTML) - ams-OSRAM AG


AS1109 Product details

1 General Description
The AS1109 is designed to drive up to 8 LEDs through a fast serial
interface and features 8 output constant current drivers and an onchip
diagnostic read-back function.
The high clock-frequency (up to 50MHz), adjustable output current,
and flexible serial interface makes the device perfectly suited for
high-volume transmission applications.
Output current is adjustable (up to 100mA/channel) using an external
resistor (REXT).
The serial interface with Schmitt trigger inputs includes an integrated
shift register. Additionally, an internal data register stores the
currently displayed data.
The device features integrated diagnostics for overtemperature,
open-LED, and shorted-LED conditions. Integrated
registers store global fault status information during load as well as
the detailed temperature/open-LED/shorted-LED diagnostics results.
The AS1109 also features a low-current diagnostic mode to minimize
display flicker during fault testing.
With an operating temperature range from -40 to +125°C the
AS1109 is also ideal for industrial applications.
The AS1109 is available in a 16-pin SOIC-150, a 16-pin QFN
(4x4mm) and the 16-pin QSOP-150 package.
2 Key Features
8 Constant-Current Output Channels
Excellent Output Current Accuracy
- Between Channels: ±2%
- Between AS1109 Devices: ±2%
Output Current Per Channel: 0.5 to 100mA
Controlled In-Rush Current
Over-Temperature, Open-LED, Shorted-LED
Diagnostics Functions
Low-Current Test Mode
Global Fault Monitoring
Low Shutdown Mode Current: 3μA
Fast Serial Interface: up to 50MHz
Cascaded Configuration
Fast Output Drivers Suitable for PWM
16-pin SOIC-150, 16-pin QFN (4x4mm) and 16-pin QSOP-150
Package
3 Applications
The device is ideal for fixed- or slow-rolling displays using static or
multiplexed LED matrix and dimming functions, large LED matrix
displays, mixed LED display and switch monitoring, displays in
elevators, public transports (underground, trains, buses, taxis,
airplanes, etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph displays,
industrial controller displays, white good panels, emergency light
indicators, and traffic signs.




Similar Part No. - AS1109

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109 Datasheet
53Kb / 1P
AS1109 Evaluation Board
AS1109 AMSCO-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Similar Description - AS1109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com