Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1109 Datasheet HTML 6Page - ams-OSRAM AG AS1109 Datasheet HTML 7Page - ams-OSRAM AG AS1109 Datasheet HTML 8Page - ams-OSRAM AG AS1109 Datasheet HTML 9Page - ams-OSRAM AG AS1109 Datasheet HTML 10Page - ams-OSRAM AG AS1109 Datasheet HTML 11Page - ams-OSRAM AG AS1109 Datasheet HTML 12Page - ams-OSRAM AG AS1109 Datasheet HTML 13Page - ams-OSRAM AG AS1109 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
8 - 24
AS1109
Datasheet - Detailed Descr i p ti on
The 8-bit data register will latch the data of the shift register at each rising edge of LD. This data is then used to drive the current generator output
drivers to switch on the corresponding LEDs as OEN goes low.
8.2 Timing Diagrams
This section contains timing diagrams referenced in other sections of this data sheet.
Figure 10. Normal Mode Timing Diagram
Figure 11. Output Delay Timing Diagram
OEN
OUTNx
LD
SDO
SDI
CLK
tSU(L)
tH(L)
tW(L)
tW(CLK)
tP1
tH(D)
50%
50%
50%
50%
50%
50%
tSU(D)
OEN Low = Output Enabled
tP2
OUTNx High = Output Off
OUTNx Low = Output On
50%
50%
50%
tW(OE)
7XtSTAG
tP3
OEN
OUTN0
OUTN1
OUTN7
50%
50%
50%
50%
tOF
tOR
tSTAG
90%
90%
10%
10%
7XtSTAG
tSTAG
tP3
50%
50%
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com