Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL824C Datasheet (PDF) - GENESYS LOGIC

GL824C Datasheet PDF - GENESYS LOGIC
Part # GL824C
Download  GL824C Download
File Size   1473.26 Kbytes
Page   56 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 On-The-Go Controller

GL824C Datasheet (PDF)

Go To PDF Page Download Datasheet
GL824C Datasheet PDF - GENESYS LOGIC

Part # GL824C
Download  GL824C Click to download

File Size   1473.26 Kbytes
Page   56 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 On-The-Go Controller

GL824C Datasheet (HTML) - GENESYS LOGIC


GL824C Product details

GENERAL DESCRIPTION

The  GL824/824C  USB  On-The-Go  (OTG)  Dual-Role-Device  controller  which  include  Milti-I/F  and ATA/ATAPI  interface  is  a  highly  integral  microprocessor,  which  optimized  and  specially  designed  for embedded  system,  portable  device,  multi-function  peripheral  and  consumer  products  with  External  uP interface,  SSI,  I2C  and  Flash  cards  interface.Using  the  GL824,  developers  can  create  OTG-compliant dual-role  products  capable  of  point-to-point  communication.  Its  focus  on  power  efficiency  makes  the  GL824 ideal  for  set  top  box,  DVD  player,  PDA,  PMP,  Digital  TV and home  entertainment  with  USB  OTG  and  Flash card reader.



FEATURES

·    USB OTG Controller

-  Compliant with USB speci fication Rev . 2.0 at high-speed and full-speed data transfer rate

-  Compliant with On-The-Go (OTG) supplement Rev . 1.0

-  Complies with USB Storage Class specification rev. 1.0

-  Support Suspend, Resume, HNP and SRP

-  External source to drive Vbus signal

-  Supports1 device address and up to4 endpoints: Control (0)/ Bulk Read (1)/ Bulk Write (2)/Interrupt (3).

·  Integrated USB  building blocks

-  USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), Build-in power-on reset (POR) and low-voltage detector (LVD)

·  Embedded 8051 micro-controller

-  Operate @ 60 MHz clock, 1 clocks per instruction cycle

-  Embedded 64K*2 Byte reprogrammable flash memory and internal 256 byte SRAM

-  Embedded 8K Byte external SRAM

·  Support power saving mode

·  Support firmware upgrade via USB and external serial flash memory

·  On-Chip power MOSFETs for supplying flash media card power except Compact Flash. (GL824 only)

·  Interface

-  Support external SDRAM interface (option)

-  Support 16bit host interface (Support external uP Read/Write Status/Command and Read/Write FIFO) (option)

-  Supports  A TA/A TAPI interface

-  Support serial MP3 decoder interface

-  Support serial LCD Panel interface

-  Support memory cards interface

-  Support SSI interface for master and slave mode up to 15MHz

-  Support I2C interface

-    Support UAR T interface

·  ATA/ATAPI interface

-  Complies with ATA/ATAPI-6 specification rev 1.0

-  Support 16-bit Multiword DMA mode and Ultra DMA mode interface (Ultra 33/66)

·  CompactFlashTM interface ( GL824 only )

-  Support CFA specification v2.1 / v3.0

-  Support True IDE mode

-  Support 8 / 16 bit data mode and different timing




Similar Part No. - GL824C

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL826 GENESYS-GL826 Datasheet
674Kb / 43P
USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
GL826-MNG GENESYS-GL826-MNG Datasheet
674Kb / 43P
USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
More results


Similar Description - GL824C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
September 16, 2003
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
Texas Instruments
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
Freescale Semiconductor...
MK20DN32VYY5 FREESCALE-MK20DN32VYY5 Datasheet
429Kb / 2P
Low-power MCUs with USB On-The-Go
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
Adjustable Voltage USB On-the-Go Boost Mode
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com