Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL826 Datasheet (PDF) - GENESYS LOGIC

GL826 Datasheet PDF - GENESYS LOGIC
Part # GL826
Download  GL826 Download
File Size   674.16 Kbytes
Page   43 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)

GL826 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL826 Datasheet PDF - GENESYS LOGIC

Part # GL826
Download  GL826 Click to download

File Size   674.16 Kbytes
Page   43 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)

GL826 Datasheet (HTML) - GENESYS LOGIC


GL826 Product details

FEATURES

USB specification compliance 

-  Compliant with Universal Serial Bus specification rev. 2.0.

-  Compliant with USB Mass Storage Class Bulk only Transport Specification rev. 1.0.

-  Supports one USB device address and up to 5 endpoints, including one control, one interrupt and 2 bulk IN / OUT endpoint pairs.

Integrated USB building blocks

-  USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), embedded Power-On Reset (POR)

and Low-Voltage Detector (LVD) 

Embedded 8051 micro-controller

-  Operate @ 60 MHz clock, 12 clocks per instruction cycle

-  Embedded 64K Byte mask ROM and internal 256 byte SRAM

Support firmware upgrade to external flash via USB port ( ISP : In System Programming )

Embedded five power switches for power control of five cards interface

-  Programmable over-current detected period is from 1us to 0.64 ms

-  Internal pull-up/pull-down resistance I/O pad controlled by firmware 

On-chip 5V to 3.3V and 3.3V to 1.8V regulators

On board 12 Mhz Crystal driver circuit

128-pin LQFP: Support the following memory card interfaces

-  CompactFlashTM  (CF), Microdrive

-  Secure DigitalTM (SD), miniSDTM, microSDTM /TransFlashTM

-  MultiMediaCardTM (MMC), MMCplus TM, MMCmobile TM , MMCmicro TM , RS-MMC

-  Memory StickTM (MS), Memory Stick PROTM (MS PRO), MS Duo, MS PRO Duo, MS Micro (M2) 

-  SmartMediaTM(SM)

-  xD-Picture CardTM Type M/H 

Support CF v4.0 with PIO mode 0-6 and UDMA 0-4 mode

Support SD and MMC

-  SDHC(SD v2.0) 4-bit

-  MMC v4.2 8-bit

Support CE-ATA v1.0b (external flash)

Support Dual SD and MS-PRO 4-bit for 5 slots (CF, SM/xD, SD/MMC 8bit, MS/MSPRO, microSD/

MMCmicro/ T-Flash 4bit)

Support MS PRO-HG 8-bit for 4 slots (CF, SM/xD, SD/MMC 8bit, MS/MSPRO-HG)

Support SM v1.00

Support xD-Picture v1.2C Type M/H (TID:AA-CG0451)

Two independent SD/MMC interfaces

-  One is SD/MMC 8bit, the other is microSD/ MMCmicro/T-Flash 4bit

-  Support SD/MMC-to-SD/MMC read/write operations.

48-pin LQFP: Support MS PRO-HG 8-bit and SDHC/MMC v4.2 8-bit

Operating system supported: Windows Vista32&64/XP/2000/Me/98/98SE, Mac OS 9.X/10.X, Linux

Kernel 2.4.X/2.6.X

-  Pass Windows Vista32&64 (submission ID:1231473)

-  Pass Windows XP (submission ID: 1231870)

Support external serial EEPROM interface (8-bit format) for the flexibility to load vender informationand system option

High efficient hardware engine

-  Integrated Fast 8051 microprocessor

-  High efficient DMA hardware engine improves transfer rate between USB and flash card interfaces

Available in 128-pin LQFP 14x14 mm and 48-pin LQFP green package




Similar Part No. - GL826

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
USB 2.0 On-The-Go Controller
GL824-MZGXX GENESYS-GL824-MZGXX Datasheet
1Mb / 56P
USB 2.0 On-The-Go Controller
More results


Similar Description - GL826

ManufacturerPart #DatasheetDescription
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
List of Unclassifed Man...
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
USB2.0 SD/MMC Flash Card Reader with UFD Controller
logo
SMSC Corporation
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com