Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL827 Datasheet (PDF) - GENESYS LOGIC

GL827 Datasheet PDF - GENESYS LOGIC
Part # GL827
Download  GL827 Download
File Size   1500.22 Kbytes
Page   47 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller

GL827 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL827 Datasheet PDF - GENESYS LOGIC

Part # GL827
Download  GL827 Click to download

File Size   1500.22 Kbytes
Page   47 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller

GL827 Datasheet (HTML) - GENESYS LOGIC


GL827 Product details

GENERAL DESCRIPTION
The GL827 is USB 2.0 Single Interface Flash Card Reader controller. It supports USB 2.0 high-speed transmission to Secure DigitalTM (SD), SDHC, Mini SDTM, Micro SDTM , T-Flash , MultiMediaCardTM (MMC), RS MultiMediaCardTM (RS MMC), MMC Micro , HS-MMC, MMC-Mobile , Memory StickTM (MS), Memory Stick DuoTM (MS Duo), High Speed Memory StickTM (HS MS), Memory Stick PROTM (MS PRO), Memory Stick PROTM Duo (MS PRO Duo), Memory Stick ROM, MS PRO Micro, SmartMediaTM (SM) , and xD-Picture Card TM (xD) on one chip. As a single chip solution for USB 2.0 flash card reader, the GL827 complies with Universal Serial Bus specification rev. 2.0, USB Storage Class specification ver.1.0, and flash card interface specification each.
The GL827 can support different kinds of interfaces in single slot. For the best performance consideration, the GL827 integrates high efficiency card interface hardware engine for data transfer. The GL827 also supports firmware upgrade via USB interface (100 Pin LQFP), and external flash read/ write for firmware upgrade and other applications.
The GL827 pin assignment design fits to card sockets to provide easier PCB layout. 100 Pin LQFP (14mmx14mm), 48 Pin LQFP/LQFN (7mm x 7mm), QFN24 (4mm x 4mm), SSOP28 (150mil) are available package types.

FEATURES
● USB specification compliance
   - Comply with 480Mbps Universal Serial Bus specification rev. 2.0.
   - Comply with USB Storage Class specification rev. 1.0.
   - Support 1 device address and up to 4 endpoints:
      Control (0)/ Bulk Read (1)/ Bulk Write (2)/Interrupt (3).
● Integrated USB building blocks
   - USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE),
      Build-in power-on reset (POR) and low-voltage detector (LVD)
● Embedded 8051 micro-controller
   - Operate @ 60 MHz clock, 12 clocks per instruction cycle
   - Embedded 48K Byte mask ROM and internal 256 byte SRAM
   - Embedded 4K Byte external SRAM
   - Support up to external 48K code ROM
● Supports firmware upgrade to external flash via USB
   ( ISP : In System Programming ) (Only for LQFP100)
● USB 2.0 certified (USB-IF Pass, TID: 40000207/ 40550012)
● WHQL submission number 1062005.
● Vista submission number 1218426.
● xD-Picture (Only for LQFP100/ LQFP48/ LQFN48)
   - xD-Picture specification v1.2C. Type-M / Type-H
● SmartMediaTM (Only for LQFP100/ LQFP48/ LQFN48)
   - 8 bit data width and different speed
   - Support different page size, and automatic append
      redundant area data (8 / 16 bytes)
● Memory StickTM / Memory Stick PRO / Memory Stick PRO Duo /
   Memory Stick Micro (For all packages)
   - Comply with Memory Stick specification
   - Support INS signal
   - Support automatic CRC16 generation and verification
● Secure DigitalTM and MultiMediaCardTM (For all packages)
   - Supports SD specification v1.0 / v1.1 / v2.0
   - Supports MMC specification v3.X / v4.0 / v4.1 / v4.2.
   - x1 / x4 / x8 data transmission. (For QFN24 and CSP23 up to x4)
   - Automatic CRC7 generation for command
      and CRC7 verification for response on CMD
   - Support automatic CRC16 generation and verification on DAT0:7
   - In addition to full packet transaction, optional single byte /
      bit operation on both CMD and DAT line / lines
   - Process data in block or byte
● On board 12 MHz Crystal driver circuit or 12/48 MHz Clock input.
● On-Chip 5V to 3.3V regulator. No external regulator required.
● On-Chip power MOSFETs for supplying flash media card power.
● Available in 100 Pin LQFP (14x14 mm) package
● Available in 48 Pin LQFP/LQFN (7x7 mm) package
● Available in 24 Pin QFN (4x4 mm) package
● Available in 28 Pin SSOP (150mil) package
● Order in Advance in 23 Pin CSP (2x2 mm) package




Similar Part No. - GL827

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL827L-HHG GENESYS-GL827L-HHG Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL827L-OGG GENESYS-GL827L-OGG Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
More results


Similar Description - GL827

ManufacturerPart #DatasheetDescription
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com