Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL817E Datasheet (PDF) - GENESYS LOGIC

GL817E Datasheet PDF - GENESYS LOGIC
Part # GL817E
Download  GL817E Download
File Size   166.09 Kbytes
Page   19 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 MS/ MS PRO/ SD/ MMC Controller

GL817E Datasheet (PDF)

Go To PDF Page Download Datasheet
GL817E Datasheet PDF - GENESYS LOGIC

Part # GL817E
Download  GL817E Click to download

File Size   166.09 Kbytes
Page   19 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 MS/ MS PRO/ SD/ MMC Controller

GL817E Datasheet (HTML) - GENESYS LOGIC


GL817E Product details

GENERAL DESCRIPTION

The GL817E is a highly compatible, best performance USB 2.0 Flash Card Reader Controller. It supports USB 2.0 high-speed transmission to Secure DigitalTM (SD), Mini SDTM, MultiMediaCardTM (MMC), RS MultiMediaCardTM (RS MMC), Memory StickTM (MS), Memory Stick DuoTM (MS Duo), High Speed Memory StickTM (HS MS), Memory Stick ProTM (MS Pro), Memory Stick ProTM Duo (MS Pro Duo) Memory Stick ROM interface on one chip. The GL817E integrates Genesys Logic own design USB 2.0 high-speed UTMI (USB 2.0 Transceiver Macrocell Interface) transceiver, the Serial Interface Engine (SIE), and compatible 8-bit micro-controller.



FEATURES

· Supports USB 2.0 to Memory Stick TM (MS) and Memory Stick PRO TM (MS PRO), Secure Digital TM (SD) an

d MultiMediaCard TM (MMC) interface on one chip.

· Supports all combinations of MS/ MS PRO/ SD/ MMC application design.

· Complies with 480Mbps Universal Serial Bus specification rev. 2.0.vc

· Complies with USB Storage Class specification rev. 1.0. (Bulk only protocol).

· USB 2.0 certified (Test ID=40390390)

· Operating System supported: Windows XP/ 2000/ Me/ 98/ 98SE, Mac OS 9.x/ X, Linux.

· Supports customized storage device icon under Windows 98/ 98SE/ 2000 (SP2, SP3 and SP4) by Genesys Logic own driver.

· Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine (SIE).

· Integrated MCU compatible 8-bit micro-controller.

· Hardware ECC generation and verification.

Memory StickTM (MS) / Memory Stick DuoTM (MS Duo) / High Speed Memory StickTM (HS MS) / Memory Stick ProTM (MS Pro) / Memory Stick ProTM Duo (MS Pro Duo) Memory Stick ROM interface

- Complies with Memory Stick Standard Memory Stick PRO Format Specifications ver 1.00-01

- Complies with Memory Stick Format Specifications ver 1.40-00

- Hardware support 4-bit HS Memory Stick PRO interface

- Supports INS signal

- Supports automatic CRC16 generation and verification

- Supports different clock rate up to 40 MHz

Secure DigitalTM , Mini SDTM and MultiMediaCardTM

- Complies with Secure DigitalTM / MultiMediaCardTM interface specification

- Supports both SD / MMC mode access CLK/CMD/DAT0/DAT1/DAT2/DAT3

- Command transmit and response receive can be enabled separately

- Automatic CRC7 generation for command and CRC7 verification for response on CMD

- Support automatic CRC16 generation and verification on DAT3-0

- In addition to full packet transaction, optional single byte / bit operation on both CMD and DAT line / lines

- Data processing in block or byte

- Supports different clock rate from 375 KHz to 24 MHz

· High efficient hardware engine

- Automatic data read / write with card by hardware engine.

- Easier firmware development.

- Media interface signals output low automatically when suspend.

- Supports automatic CRC16 generation and verification.

· Supports firmware correct page ECC error capability.

· Supports automatic page copy (source page read + destination page write).

· Complies with USB power specification for bus-powered devices.

· Supports Suspend and Wake-up Resume.

· 3.3 Volt operation.

· Available in 48-pin LQFP package.




Similar Part No. - GL817E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNGXX GENESYS-GL811E-MNGXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNNXX GENESYS-GL811E-MNNXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MSGXX GENESYS-GL811E-MSGXX Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
More results


Similar Description - GL817E

ManufacturerPart #DatasheetDescription
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
List of Unclassifed Man...
MA8125D ETC2-MA8125D Datasheet
103Kb / 1P
Single Lun for MMC/SD or M2/Ms Pro/MSHG card
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com