Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816E Datasheet (PDF) - GENESYS LOGIC

GL816E Datasheet PDF - GENESYS LOGIC
Part # GL816E
Download  GL816E Download
File Size   478.15 Kbytes
Page   26 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 9-in-1 Card Reader Controller

GL816E Datasheet (PDF)

Go To PDF Page Download Datasheet
GL816E Datasheet PDF - GENESYS LOGIC

Part # GL816E
Download  GL816E Click to download

File Size   478.15 Kbytes
Page   26 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 9-in-1 Card Reader Controller

GL816E Datasheet (HTML) - GENESYS LOGIC


GL816E Product details

GENERALDESCRIPTION

The GL816E is a highly integrated, flexible application USB 2.0 Multi-Interface F lash Card Reader controller.

It supports USB 2.0 high-speed transmission to CompactFlashTM (CF)Type I/II , Micro Drive, Secure DigitalTM (SD), Mini SDTM ,MultiMediaCardTM (MMC), RS MultiMediaCardTM (RS MMC),  Memory StickTM (MS),  Memory Stick DuoTM

(MS Duo),  High Speed Memory StickTM (HS  MS),  Memory   StickProTM (MS Pro),  Memory Stick ProTM Duo(MS Pro Duo) Memory Stick ROM,   SmartMediaTM (SM)5V/3.3V ,  and xD-Picture CardTM(xD)  on one chip. Besides the flash card interface controller each, the GL816E integrates Genesys  Logic own design USB 2.0high-speed UTMI (USB 2.0 Transceiver Macrocell I nterface) transceiver.



FEATURES

l  USB specification compliance

-  Complies with 480Mbps Universal Serial Bus specification rev. 2.0.

-  Complies with USB Storage Class specification rev. 1.0.

-  Supports1 device address and up to 10 endpoints: Control (0)/ Bulk Read (1)/ Bulk Write (2)/Interrupt (3),and 3 optional Bulk Read/ Write endpoints pair.

l  Integrated USB building blocks

-  Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine(SIE).

-  Build-in power-on reset (POR) and low-voltage detector (LVD).

l  Embedded 8051 micro-controller

-  Operate @ 48 MHz clock.

-  Embedded 32K Byte mask ROM and internal 256 byte SRAM.

-  Supports up to external 64K ROM/ Flash for design flexibility.

l  Support firmware upgrade to external flash via USB interface

l  USB 2.0 certified (TestID=40390389)

l  Support all kinds of flash card interface

-  SmartMedia / xD-Picture Card Interface

-  Memory Stick / Memory Stick Pro Card Interface

-  Secure Digital / MultiMediaCard Interface

-  CompactFlashType I/II

l  3.3V operation

l  Flexible pin utilization

-  Dedicated power control pins and programmable card-enable pins.

-  Supports 4(or more) GPIO pins for design flexibility.

-  Pin assignment fits to card sockets for easy PCB layout.

-  Shared pins forSmartMedia interface.

l  SmartMedia interface

-  Address support up to 4 bytes, 8 bit data width and different speed

-  Supportsdifferent page size, and automatic append redundant area data (8 / 16 bytes)

-  Hardware ECC encoding and decoding capability

-  Supportsfirmware correct page ECC error capability

-  Compliant with xD-Picture Card

l  xD-Picture Card interface

-  Complies with xD-Picture interface specification

-  Compliant SmartMedia interface

l  Memory Stick(MS)  /  Memory Stick Duo (MS Duo)  /  High Speed Memory Stick (HS  MS)/Memory   StickPro

(MS  Pro)/   Memory Stick Pro Duo (MS Pro Duo)Memory Stick ROM interface

-  Complieswith Memory   StickStandard Memory Stick PRO Format Specifications ver 1.00-01

-  Complies with Memory Stick Format Specifications ver 1.40- 00

-  Hardware support 4-bit HS Memory Stick PRO interface

-  SupportsINS signal

-  Supportsautomatic CRC16 generation and verification

-  Supportsdifferent clock rate up to 40MHz

l  Secure Digital, Mini SD and MultiMediaCard

-  Complieswith Secure Digital/ MultiMediaCard interface specification

-  Supportsboth SD / MMC mode access CLK/CMD/DAT0/DAT1/DAT2/DAT3

-  Command transmit and response receive can be enabled separately 

-  Automatic CRC7 generation for command and CRC7 verification for response on CMD

-  Support automatic CRC16 generation and verification on DAT3-0

-  In addition to full packet transaction, optional single byte / bit operation on both CMD and DAT line / lines

-  Data processing in block or byte

-  Supportsdifferent clock rate from 375 KHz to 24 MHz

l  High efficient hardware engine

-  Automatic data read / write with card by hardware engine

-  Easier firmware development

-  Media interface signals output low automatically when suspend

l  Inter-Media transfer capability

-  Support data copy between flash cards or in the same flashmemory card

l  Support external ICE / micro-controller interface

-  Easy firmware development environment

-  Easy operate by external robust microprocessor

l  Available in 128-pin LQFP and 128-pin PQFP package




Similar Part No. - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
More results


Similar Description - GL816E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com