Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet (PDF) - GENESYS LOGIC

GL816 Datasheet PDF - GENESYS LOGIC
Part # GL816
Download  GL816 Download
File Size   393.58 Kbytes
Page   23 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Flash Card Reader Controller

GL816 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL816 Datasheet PDF - GENESYS LOGIC

Part # GL816
Download  GL816 Click to download

File Size   393.58 Kbytes
Page   23 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 Flash Card Reader Controller

GL816 Datasheet (HTML) - GENESYS LOGIC


GL816 Product details

GENERALDESCRIPTION

The GL816is a highly integrated, flexible application USB   2.0 Multi-Interface Flash  Card Reader controller. It supports USB 2.0 high-speed transmission to  PCMCIA,  CompactFlash (CF),  Micro Drive, SmartMedia(SM), Secure Digital(SD), Multi Media Card (MMC),   and  MemoryStick (MS) interface on one chip. Besides the flash card interface controller each, the GL816integrates Genesys Logic own design USB 2.0high-speed  UTMI  (USB 2.0  Transceiver  Macrocell  I nterface)  transceiver. As a single chip solution for USB 2.0 multi flash card reader, the GL816complies with Universal Serial Bus specification rev. 2.0, USB Storage Class specification ver.1.0, and flash card interface specification each.



FEATURES

l  Supports PCMCIA, CompactFlash (CF), SmartMedia (SM), MemoryStick (MS), Secure Digital (SD) and Multi Media Card (MMC) interface on one chip .

l  Complies with 480Mbps Universal Serial Bus specification rev. 2.0.

l  Complies with USB Storage Class specification rev. 1.0. (Bulk only protocol).

l  Operating System supported: Win XP/ 2000/ Me/ 98/ 98SE; Mac OS 9.x/ X.

l  Supports1 device address and up to 10 endpoints: Control (0)/ Bulk Read (1)/ Bulk Write (2)/ Interrupt (3), and 3 optional Bulk Read/ Write endpoints pair.

l  Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine (SIE).

l  Integrated 8051 micro-controller with enhanced feature:

-  Supports 48MHz clock rate.

-  12 clocks per instruction cycle.

-  Embedded 24KB Mask ROM and 2KB+256B SRAM.

-  Supports external 64KB ROM/ Flash for design flexibility.

l  Supports firmware upgrade via USB interface.

l  Supports external flash read/ write for firmware upgrade and other applications.

l  Supports  serial EEPROM 93C86 interface for the flexibility of vendor or firmware parameters, EEPROM size up to 2KB.

l  High efficiency card interface hardware engine for data transfer.

l  Shared pins between PCMCIA and SmartMedia

TM

interface.

l  PCMCIA interface:

-  Supports address up to 16 bits, with fix and incremental mode.

-  Supports 8 / 16 bit data mode and different timing.

-  Supports WAIT# detection.

-  Supports multi signal level (3.3 / 5V).

-  Other control signals like CD1#, CD2#, CE1#, CE2# … etc.

l  SmartMedia

TM

interface:

-  Supports address up to 4 bytes, 8 bit data wid th and different speed.

-  Supports different page size, and automatic append redundant area data (8/16 bytes).

-  Hardware ECC generation and verification.

-  Supports firmware correct page ECC error capability.

-  Supports automatic page copy (source page read + destination page write).

l  MemoryStick interface :

-  Complies with MemoryStick interface specification.

-  Supports hardware BS/SDIO/SCLK signals.

-  Supports INS signal.

-  Supports automatic CRC16 generation and verification.

-  Supports hardware CMD timeout detection.

-  Supports different clock rate up to 24 MHz.

l  Secure Digital / Multi Media Card interface:

-  Complies with Secure Digital / MMC interface specification.

-  Supports both SD / MMC mode access: CLK/CMD/DAT0/DAT1/DAT2/DAT3.

-  Command transmit and response receive canbe enabled separately.

-  Automatic CRC7 generation for command and CRC7 verification for response on CMD.

-  Supports automatic CRC16 generation and verification on DAT3-0.

-  In addition to full packet transaction, optional single byte/ bit operation on both CMD and DAT line/ lines.

-  Data processing in block or byte.

-  Supports different clock rate from 375 KHz to 24 MHz.

l  Dedicated power control pins for different cardsand power / busy indication.

l  Build-in power-on reset (POR) and low-voltage detector (LVD).

l  3.3 Vo lt operation.

l  Pin assignment fits to card sockets to provide easier PCB layout.

l  Supports 8 additional GPIOs and firmware controllable CD, CE pins.

l  Available in 128-pin LQFPpackage.




Similar Part No. - GL816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
More results


Similar Description - GL816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
GENESYS LOGIC
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
logo
List of Unclassifed Man...
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
USB 2.0 Single-Slot Flash Memory Card Reader
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com