Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 4Page - GENESYS LOGIC GL816 Datasheet HTML 5Page - GENESYS LOGIC GL816 Datasheet HTML 6Page - GENESYS LOGIC GL816 Datasheet HTML 7Page - GENESYS LOGIC GL816 Datasheet HTML 8Page - GENESYS LOGIC GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC GL816 Datasheet HTML 11Page - GENESYS LOGIC GL816 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 8
-
Data processing in block or byte.
-
Supports different clock rate from 375 KHz to 24 MHz.
l
Dedicated power control pins for different cards and power / busy indication.
l
Build-in power-on reset (POR) and low-voltage detector (LVD).
l
3.3 Volt operation.
l
Pin assignment fits to card sockets to provide easier PCB layout.
l
Supports 8 additional GPIOs and firmware controllable CD, CE pins.
l
Available in 128-pin LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com