Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 7Page - GENESYS LOGIC GL816 Datasheet HTML 8Page - GENESYS LOGIC GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC GL816 Datasheet HTML 11Page - GENESYS LOGIC GL816 Datasheet HTML 12Page - GENESYS LOGIC GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 11
4.2 Pin List
Table 4.1 - Pin List
Pin# Pin Name Type Pin# Pin Name Type Pin# Pin Name Type Pin# Pin Name Type
1 INS
B/I
33 AVDD2
P
65 WPD#
B/I
97 A6
O
2 SCLK
O
34 XI
I
66 GPIO1
B
98 GPIO5
B
3 D3
B
35 XO
B
67 GPIO2
B
99 GPIO6
B
4 PCCD1#
B/I
36 AGND2
P
68 NVMA1
O
100 A7
O
5 D4
B
37 RB#
B/I
69 NVMA0
O
101 A12
O
6 D11
B
38 SMCE#
B/O 70 NVMCS#
O
102 A15
O
7 D5
B
39 SMWPD#
B/I
71 GPIO3
B
103 A16
O
8 D12
B
40 SMCD#
B/I
72 GPIO4
B
104 IREQ#
B/I
9 D6
B
41 NVMA15
O
73 PWR33CB
O
105 WE#
O
10 PGND1
P
42 NVMA14
O
74 EXTRST#
I
106 A14
O
11 D13
B
43 NVMA13
O
75 PWRIND
O
107 A13
O
12 D7
B
44 NVMA12
O
76 BSYIND
O
108 A8
O
13 D14
B
45 NVMA11
O
77 DGND1
P
109 DGND2
P
14 PCCE1#
B/O 46 NVMA10
O
78 PGND2
P
110 DGND3
P
15 D15
B
47 DAT2
B/SO 79 PCCD2#
B/I 111 NVMOE#
O
16 A10
O
48 DAT3
B/SO 80 D10
B
112 NVMWE#
O
17 PCCE2
B/O 49 CMD
B/SO 81 D2
B
113 CS
O
18 OE#
O
50 CLK
O
82 D9
B
114 SK
O
19 PCVS1#
B/I
51 DAT1
B/SO 83 D1
B
115 DI
O
20 PVIO1
P
52 DAT0
B/SO 84 D8
B
116 DO
I/SO
21 A11
O
53 NVMA9
O
85 D0
B
117 NVMD0
B
22 IOR#/RE#
O
54 NVMA8
O
86 A0/CLE
O
118 NVMD1
B
23 A9
O
55 NVMA7
O
87 A1/ALE
O
119 NVMD2
B
24 IOW#/WR#
O
56 NVMA6
O
88 PVIO2
P
120 NVMD3
B
25 RPU
A
57 NVMA5
O
89 REG#
B/O 121 GPIO7
B
26 AVDD1
P
58 NVMA4
O
90 A2/SMWP#
O
122 DVDD3
P
27 VPF
B
59 NVMA3
O
91 A3
O
123 NVMD4
B
28 VPH
B
60 NVMA2
O
92 WAIT#
I/SO 124 NVMD5
B
29 VMF
B
61 CD#
B/I
93 A4
O
125 NVMD6
B
30 VMH
B
62 PWR33CA
O
94 PCRST
B
126 NVMD7
B
31 AGND1
P
63 DVDD1
P
95 A5
O
127 BS
O
32 RREF
A
64 DVDD2
P
96 PCVS2#
B/I 128 SDIO
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com