Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 8Page - GENESYS LOGIC GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC GL816 Datasheet HTML 11Page - GENESYS LOGIC GL816 Datasheet HTML 12Page - GENESYS LOGIC GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 12
4.3 Pin Descriptions
Table 4.2 - Pin Descriptions
USB Interface
Pin Name
Pin#
Type
Description
RPU
25
A
USB resistor pull up
VPF
27
B
FS D+
VPH
28
B
HS D+
VMF
29
B
FS D-
VMH
30
B
HS D-
RREF
32
A
Reference resistor
XI
34
I
Crystal input
XO
35
B
Crystal output
NVMA15~0
41~46,
53~60,
68,69
O
Ext. flash address 15~0
NVMCS#
70
O
(pu)
Ext. flash CS#
EXTRST#
74
I
(pu)
External reset
PWRIND
75
O
(pd)
Power indicator
BSYIND
76
O
(pd)
Busy indicator
NVMOE#
111
O
Ext. flash OE#
NVMWE#
112
O
Ext. flash WE#
NVMD0~7
117~120,
123~126
B
(pd)
Ext. flash Data 0~7
Memory Interface
Pin Name
Pin#
Type
Description
INS
1
B/I
(pu) MemoryStick INS
SCLK
2
O
MemoryStick SCLK
D3
3
B
PCMCIA data 3 / SmartMedia data 3
PCCD1#
4
B/I
PCMCIA CD1#
D4
5
B
PCMCIA data 4 / SmartMedia data 4
D11
6
B
PCMCIA data 11
D5
7
B
PCMCIA data 5 / SmartMedia data 5
D12
8
B
PCMCIA data 12
D6
9
B
PCMCIA data 6 / SmartMedia data 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com