Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC GL816 Datasheet HTML 11Page - GENESYS LOGIC GL816 Datasheet HTML 12Page - GENESYS LOGIC GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC GL816 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 13
D13
11
B
PCMCIA data 13
D7
12
B
PCMCIA data 7 / SmartMedia data 7
D14
13
B
PCMCIA data14
PCCE1#
14
B/O
(pu) PCMCIA CE1#
D15
15
B
PCMCIA data 15
A10
16
O
PCMCIA address 10
PCCE2#
17
B/O
(pu) PCMCIA CE2#
OE#
18
O
PCMCIA OE#
PCVS1#
19
B/I
PCMCIA VS1# ATAPI DMARQ
A11
21
O
PCMCIA address 11
IOR#/RE#
22
O
PCMCIA IOR# / SmartMedia RE#
A9
23
O
PCMCIA address 9
IOW#/WR#
24
O
PCMCIAIOW# / SmartMedia RE#
RB#
37
B/I
(pu) SmartMedia RDY/BSY#
SMCE#
38
B/O
(pu) SmartMedia CE#
SMWPD#
39
B/I
(pu) SmartMedia Write Protect Detect
SMCD#
40
B/I
(pu) SmartMedia CD#
DAT2
47
B/SO
(pu) SD DAT2
DAT3
48
B/SO
(pu) SD DAT3
CMD
49
B/SO
(pu) CD/MMC CMD
CLK
50
O
SD/MMC CLK
DAT1
51
B/SO
(pu) SD DAT1
DAT0
52
B/SO
(pu) SD/MMC DAT0
CD#
61
B/I
(pu) SD/MMC CD #
PWR33CA
62
O
(pd)
PCMCIA 3.3V power control
WPD#
65
B/I
(pu) SD/MMC Write Protect Detect
PWR33CB
73
O
Card 3.3V power control
PCCD2#
79
B/I
PCMCIA CD2#
D10
80
B
PCMCIA data 10
D2
81
B
PCMCIA data 2 / SmartMedia data 2
D9
82
B
PCMCIA data 9
D1
83
B
PCMCIA data 1 / SmartMedia data 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com