Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 3Page - GENESYS LOGIC GL816 Datasheet HTML 4Page - GENESYS LOGIC GL816 Datasheet HTML 5Page - GENESYS LOGIC GL816 Datasheet HTML 6Page - GENESYS LOGIC GL816 Datasheet HTML 7Page - GENESYS LOGIC GL816 Datasheet HTML 8Page - GENESYS LOGIC GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC GL816 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 2 FEATURES
l
Supports PCMCIA, CompactFlash
TM (CF), SmartMedia TM (SM), MemoryStick TM (MS), Secure Digital
TM (SD) and Multi Media CardTM (MMC) interface on one chip.
l
Complies with 480Mbps Universal Serial Bus specification rev. 2.0.
l
Complies with USB Storage Class specification rev. 1.0. (Bulk only protocol).
l
Operating System supported: Win XP/ 2000/ Me/ 98/ 98SE; Mac OS 9.x/ X.
l
Supports 1 device address and up to 10 endpoints: Control (0)/ Bulk Read (1)/ Bulk Write (2)/ Interrupt (3),
and 3 optional Bulk Read/ Write endpoints pair.
l
Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine (SIE).
l
Integrated 8051 micro-controller with enhanced feature:
-
Supports 48MHz clock rate.
-
12 clocks per instruction cycle.
-
Embedded 24KB Mask ROM and 2KB+256B SRAM.
-
Supports external 64KB ROM/ Flash for design flexibility.
l
Supports firmware upgrade via USB interface.
l
Supports external flash read/ write for firmware upgrade and other applications.
l
Supports serial EEPROM 93C86 interface for the flexibility of vendor or firmware parameters, EEPROM
size up to 2KB.
l
High efficiency card interface hardware engine for data transfer.
l
Shared pins between PCMCIA and SmartMediaTM interface.
l
PCMCIA interface:
-
Supports address up to 16 bits, with fix and incremental mode.
-
Supports 8 / 16 bit data mode and different timing.
-
Supports WAIT# detection.
-
Supports multi signal level (3.3 / 5V).
-
Other control signals like CD1#, CD2#, CE1#, CE2# … etc.
l
SmartMediaTM interface:
-
Supports address up to 4 bytes, 8 bit data width and different speed.
-
Supports different page size, and automatic append redundant area data (8/16 bytes).
-
Hardware ECC generation and verification.
-
Supports firmware correct page ECC error capability.
-
Supports automatic page copy (source page read + destination page write).
l
MemoryStickTM interface:
-
Complies with MemoryStick interface specification.
-
Supports hardware BS/SDIO/SCLK signals.
-
Supports INS signal.
-
Supports automatic CRC16 generation and verification.
-
Supports hardware CMD timeout detection.
-
Supports different clock rate up to 24 MHz.
l
Secure DigitalTM/ Multi Media CardTM interface:
-
Complies with Secure Digital / MMC interface specification.
-
Supports both SD / MMC mode access: CLK/CMD/DAT0/DAT1/DAT2/DAT3.
-
Command transmit and response receive can be enabled separately.
-
Automatic CRC7 generation for command and CRC7 verification for response on CMD.
-
Supports automatic CRC16 generation and verification on DAT3-0.
-
In addition to full packet transaction, optional single byte/ bit operation on both CMD and DAT line/ lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com