Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 6 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 6 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 2Page - GENESYS LOGIC GL816 Datasheet HTML 3Page - GENESYS LOGIC GL816 Datasheet HTML 4Page - GENESYS LOGIC GL816 Datasheet HTML 5Page - GENESYS LOGIC GL816 Datasheet HTML 6Page - GENESYS LOGIC GL816 Datasheet HTML 7Page - GENESYS LOGIC GL816 Datasheet HTML 8Page - GENESYS LOGIC GL816 Datasheet HTML 9Page - GENESYS LOGIC GL816 Datasheet HTML 10Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 6
CHAPTER 1 GENERAL DESCRIPTION
The GL816 is a highly integrated, flexible application USB 2.0 Multi-Interface Flash Card Reader controller.
It supports USB 2.0 high-speed transmission to PCMCIA, CompactFlash
TM
(CF), Micro Drive,
SmartMedia
TM (SM), Secure Digital TM (SD), Multi Media Card TM (MMC), and MemoryStick TM (MS)
interface on one chip. Besides the flash card interface controller each, the GL816 integrates Genesys Logic
own design USB 2.0 high-speed UTMI (USB 2.0 Transceiver Macrocell Interface) transceiver. As a single
chip solution for USB 2.0 multi flash card reader, the GL816 complies with Universal Serial Bus specification
rev. 2.0, USB Storage Class specification ver.1.0, and flash card interface specification each.
The GL816 can support different kinds of multi-interface combinations. For the best performance
consideration, the GL816 integrates high efficiency card interface hardware engine for data transfer, and the
48MHz feature-enhanced 8051 micro-controller. The GL816 also supports firmware upgrade via USB
interface, and external flash read/ write for firmware upgrade and other applications. With the advanced
mobile consideration in the IA application, the GL816 can support Inter-Media transfer, it means that the data
transfer between different cards doesn’t need the support of USB host in PC system.
The GL816 equips dedicated power control pins for different cards and power / busy indication. And the pin
assignment design fits to card sockets to provide easier PCB layout. With 8 additional GPIOs, and firmware
controllable CD, CE pins, the GL816 can be programmed to fit your various design in USB 2.0 high speed
multi-interface flash card reader applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com