Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 11Page - GENESYS LOGIC GL816 Datasheet HTML 12Page - GENESYS LOGIC GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC GL816 Datasheet HTML 17Page - GENESYS LOGIC GL816 Datasheet HTML 18Page - GENESYS LOGIC GL816 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 15
Miscellaneous Interface
Pin Name
Pin#
Type
Description
GPIO1
66
B
(odpu)
GPIO1
GPIO2
67
B
(odpu)
GPIO2
GPIO3
71
B
(odpu)
GPIO3
GPIO4
72
B
(odpu)
GPIO4
GPIO5
98
B
(odpu)
GPIO5
GPIO6
99
B
(odpu)
GPIO6
GPIO7
121
B
(odpu)
GPIO7
Power / Ground
Pin Name
Pin#
Type
Description
PGND1
10
P
Pad GND #1
PVIO1
20
P
Power (5 / 3.3V) for pin 3-24
AVDD1
26
P
Analog VDD #1
AGND1
31
P
Analog GND #1
AVDD2
33
P
Analog VDD #2
AGND2
36
P
Analog GND #2
DVDD1
63
P
Digital VDD #1
DVDD2
64
P
Digital VDD #2
DGND1
77
P
Digital GND #1
PGND2
78
P
Pad GND #2
PVIO2
88
P
Power (3.3 / 5V) for pin 79-108
DGND2
109
P
Digital GND #2
DGND3
110
P
Digital GND #3
DVDD3
122
P
Digital VDD #3
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog
SO
Automatic output low when suspend
pu
Internal pull up
pd
Internal pull down
odpu
Open drain with internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com