Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 12Page - GENESYS LOGIC GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC GL816 Datasheet HTML 17Page - GENESYS LOGIC GL816 Datasheet HTML 18Page - GENESYS LOGIC GL816 Datasheet HTML 19Page - GENESYS LOGIC GL816 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 16
CHAPTER 5 FUNCTIONAL DESCRIPTION
5.1 UTM
The USB 2.0 Transceiver Macrocell, it’s the analog circuitry that handles the low level USB protocol and
signaling, and shifts the clock domain of the data from the USB 2.0 rate to one that is compatible with the
general logic.
5.2 SIE
The Serial Interface Engine, which contains the USB PID and address recognition logic, and other sequencing
and state machine logic to handle USB packets and transactions.
5.3 EP0 FIFO
It is composed of TX0FIFO and RX0FIFO, with 64-byte FIFO each, and it is used for endpoint 0 data transfer.
5.4 EP3 FIFO
It’s an 8-byte FIFO for endpoint 3.
5.5 Bulk FIFO
It is composed of TXFIFO and RXFIFO for data transmission and receiving respectively, also with different
modes support:
TXFIFO:
1. To ensure the continuous data transmission, TXFIFO includes 512 bytes DATA-A FIFO, 512 bytes
DATA-B FIFO, and two 16 bytes corresponding redundant areas. All can be directly accessed by 8051
µC.
2. Normally SIE popes data, MHE pushes data for DATA A/B FIFOs, and redundant area is pushed by MHE
when SmartMedia MIF is enabled and popped by uC.
3. Supports uC single byte access for SmartMedia ECC error correction.
4. At transmit mode SIE won’t transmit data filled in TXFIFO before uC complete the data integrity
checking.
RXFIFO:
1. To ensure the continuous data transmission, RXFIFO includes 512 bytes DATA-A FIFO, 512 bytes
DATA-B FIFO, and 16 bytes single redundant area. All can be directly accessed by 8051 µC.
2. Normally MHE popes data, SIE pushes data for DATA A/B FIFOs, and redundant area is pushed by uC
and popped by MHE when SmartMedia MIF is enabled.
Buffer Mode:
1. Buffer mode is enabled by firmware and is used to copy data block from source to destination in same
card for SmartMedia or MemoryStick applications.
2. Under Buffer mode, firmware can enable MIF to read source data block to TXFIFO, check the data
integrity, then enable MIF to write data in TXFIFO to destination data block space on memory card.
3. For SmartMedia application, the redundant data write to destination data block space is from redundant
area of RXFIFO.
5.6 MHE (Media Hardware Engine)
The Media Hardware Engine contains 4 MIF (Media Interface), MHE control and MCFIFO.
1. MIF (Media Interface): There are PCMCIA MIF, SmartMedia MIF, MemoryStick MIF, and Secure
Digital/ Multi Media Card MIF in MHE.
2. MCFIFO (Media Control FIFO): It’s a 64-byte FIFO that shared by MemoryStick and SD/ MMC MIF.
In MemoryStick application, the MCFIFO is used for register read and write function; In SD/ MMC
application, it is used for command and response.
3. SMAFIFO (SmartMediaTM Address FIFO): It’s a 4-byte FIFO for SmartMedia address only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com