Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL816 Datasheet(PDF) 22 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 22 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC GL816 Datasheet HTML 17Page - GENESYS LOGIC GL816 Datasheet HTML 18Page - GENESYS LOGIC GL816 Datasheet HTML 19Page - GENESYS LOGIC GL816 Datasheet HTML 20Page - GENESYS LOGIC GL816 Datasheet HTML 21Page - GENESYS LOGIC GL816 Datasheet HTML 22Page - GENESYS LOGIC GL816 Datasheet HTML 23Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 22
CHAPTER 7 PACKAGE DIMENSION
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN. NOM. MAX.
MAX.
MIN. NOM.
A
A1
A2
D
E
D1
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
16.00 BASIC
16.00 BASIC
14.00 BASIC
14.00 BASIC
0.630 BASIC
0.630 BASIC
0.551 BASIC
0.551 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0
0
11
11
3.5
12
12
7
13
13
0.08
0.08
0.20
0.003
0.003
0.008
0
0
11
11
3.5
12
12
7
13
13
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.07
0.008
0.008
0.003
0.003
0.40 BASIC
12.40 BASIC
12.40 BASIC
0.016 BASIC
0.488 BASIC
0.488 BASIC
1.00 REF
0.039 REF
0.09
0.45
0.20
0.13
0.60
0.16
0.20
0.75
0.23
0.004
0.018
0.008
0.005
0.024
0.006
0.008
0.030
0.009
0-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.25 mm PER SIDE. D1 AND E1
ARE MAXIMUM PLASTIC BODY SIZE
DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm. DAMBAR
CAN NOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT.
SEATING
PLANE
C
C
ccc
01
-
0
-
A
A2
A1
c
e
D1
D2
b
D
A B
B
A
D
D
C
H
aaa
bbb
ddd
4X
4X
M C
B
A
s
s
D
A
B
D
1
128
32
33
64
65
96
97
GAGE PLANE
R1
R2
0.25mm
S
L
03
-
02
-
H
Figure 7.1 - GL816 128 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com