Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML13175 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML13175 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML13175
Download  ML13175 Download
File Size   579.69 Kbytes
Page   16 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description UHF FM/AM Transmitter

ML13175 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML13175 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML13175
Download  ML13175 Click to download

File Size   579.69 Kbytes
Page   16 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description UHF FM/AM Transmitter

ML13175 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML13175 Product details

Legacy Device: Motorola MC13175, MC13176



The ML13175 and ML13176 are one chip FM/AM transmitter subsystems designed for AM/FM communication systems. they include a Colpitts crystal reference oscillator, UHF oscillator, ÷ 8 (ML13175) or ÷ 32 (ML13176) prescaler and phase detector forming a versatile PLL system. Targeted applications are in the 260 to 470MHz band and 902 to 982 MHz band covered by FCC Title 47; Part 15. Other applications include local oscillator sources in UHF and 900 MHz receivers, UHF and 900 MHz video transmitters, RF Local Area Networks (LAN), and high frequency clock drivers. ML13175/76 offer the fol lowing features;



• UHF Current Controlled Oscillator

• Uses Easily Available 3rd Overtone or Fundamental Crystals for Reference

• Fewer External Parts Required

• Low Operating Supply Voltage (1.8 to 5.0 Vdc)

• Low Supply Drain Currents

• Power Output Adjustable (Up to + 10 dBm )

• Differential Output for Loop Antenna or Balun Transformer Networks

• Power Down Feature

• ASK Modulated by Switching Output On and Off

• (ML13175) fo = 8 x fref, (ML13176) fo = 32 x fref

• Operating Temperature Range - TA = -40° to +85°C



 




Similar Part No. - ML13175

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
304Kb / 16P
UHF FM/AM Transmitter
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
UHF FM/AM Transmitter
More results


Similar Description - ML13175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
UHF FM/FSK Transmitter
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
UHF AM/FM Transmitter
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
UHF High Power FM Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
AM / FM RADIO TRANSMITTER KEYFOBS
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
UHF FM/FSK Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
UHF FM/AM TRANSMITTER
logo
Radiometrix Ltd
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
UHF High Power FM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
UHF FM/AM Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
AM / FM RADIO TRANSMITTER KEYFOBS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com